Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7982 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7982
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 2 Page - Analog Devices

  AD7982 Datasheet HTML 1Page - Analog Devices AD7982 Datasheet HTML 2Page - Analog Devices AD7982 Datasheet HTML 3Page - Analog Devices AD7982 Datasheet HTML 4Page - Analog Devices AD7982 Datasheet HTML 5Page - Analog Devices AD7982 Datasheet HTML 6Page - Analog Devices AD7982 Datasheet HTML 7Page - Analog Devices AD7982 Datasheet HTML 8Page - Analog Devices AD7982 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4806-1
Data Sheet
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Applications Circuit............................................................ 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±5 V Supply................................................................................... 3
5 V Supply...................................................................................... 4
3 V Supply...................................................................................... 6
Absolute Maximum Ratings............................................................ 8
Thermal Resistance ...................................................................... 8
Maximum Power Dissipation ..................................................... 8
ESD Caution.................................................................................. 8
Pin Configurations and Function Descriptions ........................... 9
Typical Performance Characteristics ........................................... 10
Test Circuits..................................................................................... 17
Theory of Operation ...................................................................... 18
Amplifier Description................................................................ 18
Input Protection ......................................................................... 18
Shutdown/Sleep Mode Operation............................................ 18
Noise Considerations................................................................. 19
Applications Information .............................................................. 20
Slew Enhancement..................................................................... 20
Effect of Feedback Resistor on Frequency Response ............ 20
Compensating Peaking in Large Signal Frequency Response... 20
Driving Low Power, High Resolution Successive
Approximation Register (SAR) ADCs..................................... 20
Dynamic Power Scaling............................................................. 21
Single-Ended to Differential Conversion ................................... 23
Layout Considerations............................................................... 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
5/2017—Rev. 0 to Rev. A
Changes to Figure 1...........................................................................1
9/2015—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com