Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820 Datasheet(PDF) 13 Page - Analog Devices

Part # AD820
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD820 Datasheet HTML 9Page - Analog Devices AD820 Datasheet HTML 10Page - Analog Devices AD820 Datasheet HTML 11Page - Analog Devices AD820 Datasheet HTML 12Page - Analog Devices AD820 Datasheet HTML 13Page - Analog Devices AD820 Datasheet HTML 14Page - Analog Devices AD820 Datasheet HTML 15Page - Analog Devices AD820 Datasheet HTML 16Page - Analog Devices AD820 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 13 of 27
1
0.1
0.01
0.1
1
10
100
IOUT SOURCE (mA)
Figure 21. Dropout Voltage (V+ − VOUT) vs. IOUT Source, VSY = ±5 V
0.1
1
10
100
IOUT SINK (mA)
10
1
0.1
0.01
Figure 22. Dropout Voltage (VOUT − V−) vs. IOUT Sink, VSY = ±5 V
120
270
225
180
135
90
45
0
–45
–90
100
80
60
40
20
0
–20
–40
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN
PHASE
Figure 23. Open-Loop Gain and Phase Margin vs. Frequency,
VSY = ±5 V, RL = 2 kΩ, VIN = 5 mV
0.01
0.1
1
10
100
IOUT SOURCE (mA)
1
0.1
0.01
Figure 24. Dropout Voltage (V+ − VOUT) vs. IOUT Source, VSY = ±15 V
10
1
0.1
0.01
1
0.1
0.01
10
100
IOUT SINK (mA)
Figure 25. Dropout Voltage (VOUT − V−) vs. IOUT Sink, VSY = ±15 V
120
270
225
180
135
90
45
0
–45
–90
100
80
60
40
20
0
–20
–40
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN
PHASE
Figure 26. Open-Loop Gain and Phase Margin vs. Frequency,
VSY = ±15 V, RL = 2 kΩ, VIN = 5 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com