Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-1YCPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4932-1YCPZ-R2
Description  Low Power, Differential ADC Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4932-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Data Sheet
ADA4932-1/ADA4932-2
LAYOUT, GROUNDING, AND BYPASSING
analog.com
Rev. F | 26 of 27
As a high speed device, the ADA4932-1/ADA4932-2 are sensitive
to the PCB environment in which it operates. Realizing its superior
performance requires attention to the details of high speed PCB
design.
The first requirement is a solid ground plane that covers as much
of the board area around the ADA4932-1/ADA4932-2 as possible.
However, the area near the feedback resistors (RF), gain resistors
(RG), and clear the input summing nodes (Pin 2 and Pin 3) of all
ground and power planes (see Figure 66). Clearing the ground and
power planes minimizes any stray capacitance at these nodes and
thus minimizes peaking of the response of the amplifier at high
frequencies.
The thermal resistance, θJA, is specified for the device, including
the exposed pad, soldered to a high thermal conductivity 4-layer
circuit board, as described in EIA/JESD51-7.
Figure 66. Ground and Power Plane Voiding in Vicinity of RF and RG
Bypass the power supply pins as close to the device as possible
and directly to a nearby ground plane. Use high frequency ceramic
chip capacitors. It is recommended to use two parallel bypass
capacitors (1000 pF and 0.1 µF) for each supply. Place the 1000 pF
capacitor closer to the device. Further away, provide low frequency
bulk bypassing using 10 µF tantalum capacitors from each supply
to ground.
Ensure that signal routing is short and direct to avoid parasitic
effects. Wherever complementary signals exist, provide a symmetri-
cal layout to maximize balanced performance. When routing differ-
ential signals over a long distance, keep PCB traces close together,
and twist any differential wiring to minimize loop area. Doing this
reduces radiated energy and makes the circuit less susceptible to
interference.
Figure 67. Recommended PCB Thermal Attach Pad Dimensions (Millimeters)
Figure 68. Cross-Section of 4-Layer PCB Showing Thermal Via Connection to Buried Ground Plane (Dimensions in Millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com