Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-1YCPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4932-1YCPZ-R2
Description  Low Power, Differential ADC Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4932-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Data Sheet
ADA4932-1/ADA4932-2
OUTLINE DIMENSIONS
©2008-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. F | 27 of 27
Figure 69. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-21)
Dimensions shown in millimeters
Figure 70. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-14)
Dimensions shown in millimeters
Updated: April 04, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADA4932-1YCPZ-R2
-40°C to +105°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 250
CP-16-21
H1K
ADA4932-1YCPZ-R7
-40°C to +105°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-21
H1K
ADA4932-1YCPZ-RL
-40°C to +105°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 5000
CP-16-21
H1K
ADA4932-2YCPZ-R2
-40°C to +105°C
24-Lead LFCSP (4mm x 5mm w/ EP)
Reel, 250
CP-24-14
ADA4932-2YCPZ-R7
-40°C to +105°C
24-Lead LFCSP (4mm x 5mm w/ EP)
Reel, 1500
CP-24-14
ADA4932-2YCPZ-RL
-40°C to +105°C
24-Lead LFCSP (4mm x 5mm w/ EP)
Reel, 5000
CP-24-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com