Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
THEORY OF OPERATION
analog.com
Rev. G | 24 of 33
Case 1
If the external source resistance is low (for example, 100 Ω in
Figure 75) or if the input step function is large, the maximum
amplifier output current is limited to the output short-circuit current
as specified in the Specifications section. The maximum differential
voltage between the input signal and the amplifier output is then
limited by the maximum amplifier output current multiplied by the
total input resistance (internal and external) and the turn-on voltage
of the back to back diode (see Figure 72 for the input EMI filter and
clamp circuit architecture).
When the noninverting input voltage changes with a step signal, the
inverting input voltage (and, therefore, the output voltage) follows
the change quickly until it reaches the maximum differential voltage
between the input signal and amplifier output possible. The invert-
ing input voltage then starts slewing with the slew rate specified
in the Specifications section until it reaches its desired output.
Therefore, as seen in Figure 74, there are two distinctive sections
of the rising and falling edge of the output waveform. With this test
condition, the amount and duration of the input/output current is
limited and, therefore, does not damage the amplifier.
Figure 74. Large Signal Transient Response Example
Figure 75. Circuit Diagram for Large Signal Transient Response
Case 2
If the external source resistance is high or if the input step function
is small, the maximum output current is limited to the instantaneous
difference between the input signal and amplifier output voltage
(which is the change in the step function) divided by the source
resistance. This maximum output current is less than the amplifier
output short-circuit current. The maximum differential voltage be-
tween the input signal and the amplifier output is then equal to the
step function. The output voltage slews until it reaches its desired
output.
Therefore, if desired, reduce the input current by adding a larger ex-
ternal resistor between the signal source and the noninverting input.
Similarly, to reduce output current, add an external resistor to the
feedback loop between the inverting input and output. This large
signal transient response issue is typically not a problem when the
amplifier is configured in closed-loop gain, where the input signal
source is usually much smaller and the gain and feedback resistors
limit the current.
Back to back diodes are also implemented in many other amplifiers;
these amplifiers show similar slewing behavior.
NOISE CONSIDERATIONS
1/f Noise
1/f noise, also known as pink noise or flicker noise, is inherent in
semiconductor devices and increases as frequency decreases. At a
low frequency, 1/f noise is a major noise contributor and causes a
significant output voltage offset when amplified by the noise gain of
the circuit. However, because the low frequency 1/f noise appears
as a slow varying offset to the ADA4522-1/ADA4522-2/ADA4522-4,
it is effectively reduced by the chopping technique. This technique
allows the ADA4522-1/ADA4522-2/ADA4522-4 to have a much
lower noise at dc and low frequency in comparison to standard low
noise amplifiers that are susceptible to 1/f noise. Figure 64 shows
the 0.1 Hz to 10 Hz noise to be only 117 nV p-p of noise.
Source Resistance
The ADA4522-1/ADA4522-2/ADA4522-4 are some of the lowest
noise high voltage zero drift amplifiers with 5.8 nV/√Hz of voltage
noise density at 1 kHz (AV = 100). Therefore, it is important to
consider the input source resistance of choice to maintain a total
low noise. The total input referred broadband noise (eN total) from
any amplifier is primarily a function of three types of noise: input
voltage noise, input current noise, and thermal (Johnson) noise
from the external resistors.
These uncorrelated noise sources can be summed up in a root sum
squared (rss) manner by using the following equation:
eN total = (eN2 + 4 kTRS + (iN × RS)2)1/2
where:
eN is the input voltage noise density of the amplifier (V/√Hz).
k is Boltzmann’s constant (1.38 × 10−23 J/K).
T is the temperature in Kelvin (K).
RS is the total input source resistance (Ω).
iN is the input current noise density of the amplifier (A/√Hz).
The total equivalent rms noise over a specific bandwidth is ex-
pressed as
eN RMS = eN total
BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com