Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. G | 9 of 33
Figure 3. ADA4522-1 Pin Configuration
Table 7. ADA4522-1 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 8
NIC
Not Internally Connected
2
−IN
Inverting Input
3
+IN
Noninverting Input
4
V−
Negative Supply Voltage
6
OUT
Output
7
V+
Positive Supply Voltage
Figure 4. ADA4522-2 Pin Configuration
Table 8. ADA4522-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A
2
−IN A
Inverting Input, Channel A
3
+IN A
Noninverting Input, Channel A
4
V−
Negative Supply Voltage
5
+IN B
Noninverting Input, Channel B
6
−IN B
Inverting Input, Channel B
7
OUT B
Output, Channel B
8
V+
Positive Supply Voltage
Figure 5. ADA4522-4 Pin Configuration
Table 9. ADA4522-4 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A
2
−IN A
Inverting Input, Channel A
3
+IN A
Noninverting Input, Channel A
4
V+
Positive Supply Voltage
5
+IN B
Noninverting Input, Channel B
6
−IN B
Inverting Input, Channel B
7
OUT B
Output, Channel B
8
OUT C
Output, Channel C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com