Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4528-2ARMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4528-2ARMZ-R7
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ARMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4528-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. F | Page 4 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
−3 dB Closed-Loop Bandwidth
f−3dB
VIN = 10 mV p-p, RL = 10 kΩ, CL = 100 pF, AV = +1
6.2
MHz
Overload Recovery Time
RL = 10 kΩ, CL = 100 pF, AV = −10
50
μs
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz, AV = +100
97
nV p-p
Voltage Noise Density
en
f = 1 kHz, AV = +100
5.6
nV/√Hz
f = 1 kHz, AV = +100, VCM = 2.0 V
5.5
nV/√Hz
Current Noise
in p-p
f = 0.1 Hz to 10 Hz, AV = +100
10
pA p-p
Current Noise Density
in
f = 1 kHz, AV = +100
0.7
pA/√Hz
ELECTRICAL CHARACTERISTICS—5 V OPERATION
VSY = 5 V, VCM = VSY/2, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0 V to 5 V
0.3
2.5
μV
−40°C ≤ TA ≤ +125°C
4
μV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
0.002
0.015
μV/°C
Input Bias Current
IB
ADA4528-1
90
200
pA
−40°C ≤ TA ≤ +125°C
300
pA
ADA4528-2
125
250
pA
−40°C ≤ TA ≤ +125°C
350
pA
Input Offset Current
IOS
ADA4528-1
180
400
pA
−40°C ≤ TA ≤ +125°C
500
pA
ADA4528-2
250
500
pA
−40°C ≤ TA ≤ +125°C
600
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
137
160
dB
−40°C ≤ TA ≤ +125°C
122
dB
Open-Loop Gain
AVO
RL = 10 kΩ, VO = 0.1 V to 4.9 V
127
139
dB
−40°C ≤ TA ≤ +125°C
125
dB
RL = 2 kΩ, VO = 0.1 V to 4.9 V
121
131
dB
−40°C ≤ TA ≤ +125°C
120
dB
Input Resistance
Differential Mode
RINDM
190
kΩ
Common Mode
RINCM
1
GΩ
Input Capacitance
Differential Mode
CINDM
16.5
pF
Common Mode
CINCM
33
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
4.99
4.995
V
−40°C ≤ TA ≤ +125°C
4.98
V
RL = 2 kΩ to VCM
4.96
4.98
V
−40°C ≤ TA ≤ +125°C
4.94
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
5
10
mV
−40°C ≤ TA ≤ +125°C
20
mV
RL = 2 kΩ to VCM
20
40
mV
−40°C ≤ TA ≤ +125°C
60
mV
Short-Circuit Current
ISC
±40
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, AV = +10
0.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com