Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4528-2ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4528-2ARMZ-R7
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4528-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4528-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. F | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
100
90
80
70
60
50
40
30
20
10
0
–1.0
–0.6
0
0.6
1.0
VOS (µV)
–0.8
–0.4
0.2
–0.2
0.4
0.8
VSY = 2.5V
VCM = VSY/2
Figure 8. Input Offset Voltage Distribution
0
10
20
30
40
50
60
0
9
6
3
12
15
TCVOS (nV/°C)
VSY = 2.5V
VCM = VSY/2
Figure 9. Input Offset Voltage Drift Distribution
1.0
0.8
0.6
0.4
0
–0.4
–0.8
–1.0
0
0.5
2.5
VCM (V)
0.2
–0.2
–0.6
1.5
1.0
2.0
VSY = 2.5V
Figure 10. Input Offset Voltage vs. Common-Mode Voltage
100
90
80
70
60
50
40
30
20
10
0
–1.0
–0.6
0
0.6
1.0
VOS (µV)
–0.8
–0.4
0.2
–0.2
0.4
0.8
VSY = 5V
VCM = VSY/2
Figure 11. Input Offset Voltage Distribution
0
9
6
3
12
15
TCVOS (nV/°C)
0
10
20
30
40
50
60
VSY = 5V
VCM = VSY/2
Figure 12. Input Offset Voltage Drift Distribution
1.0
0.8
0.6
0.4
0
–0.4
–0.8
–1.0
0
1
5
0.2
–0.2
–0.6
3
2
4
VSY = 5V
VCM (V)
Figure 13. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com