Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4522-2ARMZ
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4522-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. G | 8 of 33
Table 5.
Parameter
Rating
Supply Voltage
60 V
Input Voltage
(V−) − 300 mV to (V+) + 300 mV
Input Current1
±10 mA
Differential Input Voltage
±5 V
Output Short-Circuit Duration to
Ground
Indefinite
Temperature Range
Storage
−65°C to +150°C
Operating
−40°C to +125°C
Junction
−65°C to +150°C
Lead Temperature (Soldering, 60 sec) 300°C
1 The input pins have clamp diodes to the power supply pins. Limit the input
current to ±10 mA or less whenever input signals exceed the power supply rail
by 300 mV.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages using a
standard 4-layer JEDEC board.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
RM-8
194
38
°C/W
R-8
122
41
°C/W
RU-14
112
43
°C/W
R-14
115
36
°C/W
POWER SEQUENCING
Apply the op amp supplies simultaneously; if this is not possible,
apply the positive power supply first, before the negative power
supply.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com