Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARMZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4522-2ARMZ
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARMZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4522-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 22Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 23Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 24Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 25Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 26Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 27Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 28Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
THEORY OF OPERATION
analog.com
Rev. G | 25 of 33
where BW is the bandwidth in hertz.
This analysis is valid for broadband noise calculation up to a
decade before the switching frequency. If the bandwidth of concern
includes the switching frequency, more complicated calculations
must be made to include the effect of the increase in noise at the
switching frequency.
With a low source resistance of RS < 1 kΩ, the voltage noise of
the amplifier dominates. As the source resistance increases, the
thermal noise of RS dominates. As the source resistance further
increases, where RS > 50 kΩ, the current noise becomes the main
contributor of the total input noise.
Residual Ripple
As shown in Figure 60, Figure 61, and Figure 62, the ADA4522-1/
ADA4522-2/ADA4522-4 have a flat noise spectrum density at lower
frequencies and exhibits spectrum density bumps and peaks at
higher frequencies.
The largest noise bump is centered at 6 MHz; this bump is due
to the decrease in the input gain at higher frequencies. This de-
crease is a typical phenomenon and can also be seen in other
amplifiers. In addition to the noise bump, a sharp peak due to the
chopping networks is seen at 4.8 MHz. However, this magnitude
is significantly reduced by the offset and ripple correction loop. Its
magnitude may be different with different amplifier units or with
different circuitries around the amplifier. This peak can potentially
be hidden by the noise bump and, therefore, may not be detected.
The offset and ripple correction loop, designed to reduce the
4.8 MHz switching artifact, also creates a noise bump centered
at 800 kHz and a noise peak on top of this noise bump. Although
the magnitude of the bump is mostly constant, the magnitude of
the 800 kHz peak is different from unit to unit. Some units may
not exhibit the 800 kHz noise peak; however, for other units, peaks
occur at multiple integrals of 800 kHz, such as 1.6 MHz or 2.4 MHz.
These noise peaks, albeit small in magnitude, can be significant
when the amplifier has a closed-loop frequency that is higher than
the chopping frequency. To suppress the noise spike to a desired
level, either configure the amplifier in a high gain configuration or
apply a post filter at the output of the amplifier.
Figure 76 shows the voltage noise density of the ADA4522-1/
ADA4522-2/ADA4522-4 in various gain configurations. Note that
the higher the gain, the lower the available bandwidth is. The earlier
bandwidth roll-off effectively filters out the higher noise spectrum.
Figure 76. Voltage Noise Density with Various Gains
Figure 77 shows the voltage noise density of the ADA4522-1/
ADA4522-2/ADA4522-4 without and with post filters at different
frequencies. The post filter serves to roll off the bandwidth before
the switching frequency. In this example, the noise peak at 800 kHz
is about 38 nV/√Hz. With a post filter at 80 kHz, the noise peak is
reduced to 4.1 nV/√Hz. With a post filter at 8 kHz, the noise peak is
lower than the noise floor and cannot be detected.
Figure 77. Voltage Noise Density with Post Filters
Current Noise Density
Figure 78 shows the current noise density of the ADA4522-1/
ADA4522-2/ADA4522-4 at unity gain. At 1 kHz, the current noise
density is about 1.3 pA/√Hz. The current noise density is deter-
mined by measuring the voltage noise due to current noise flowing
through a resistor. Due to the low current noise density of the
amplifier, the voltage noise is usually measured with a high value
resistor; in this case, a 100 kΩ source resistor is used. However,
the source resistor interacts with the input capacitance of the
amplifier and board, causing the bandwidth to roll off. Note that
Figure 78 shows the current noise density rolling off much earlier
than the unity-gain bandwidth; this roll-off is expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com