Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4084-2ARZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4084-2ARZ-R7
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ARZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4084-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADA4084-1/ADA4084-2/ADA4084-4
Rev. I | Page 25 of 36
1000
10000
100
10
1
0.001
0.01
0.1
1
10
SINK CURRENT (mA)
VSY = ±15V
TA = 25°C
VOL – (V–)
Figure 84. Dropout Voltage (VDO) vs. Sink Current
120
–40
270
–90
100
100M
FREQUENCY (Hz)
–45
0
45
90
135
180
225
–20
20
0
40
60
80
100
1k
10k
100k
1M
10M
VSY = ±15V
TA = 25°C
RL = 10kΩ
Figure 85. Open-Loop Gain and Phase vs. Frequency
60
–20
10
100M
FREQUENCY (Hz)
–10
0
10
20
30
40
50
100
1k
10k
100k
10M
1M
VSY = ±15V
TA = 25°C
AV = +100
AV = +10
AV = +1
Figure 86. Closed-Loop Gain vs. Frequency
1000
100
10
1
0.1
0.01
10
100M
FREQUENCY (Hz)
100
1k
10k
100k
10M
1M
VSY = ±15V
TA = 25°C
AV = +100
AV = +1
AV = +10
Figure 87. Output Impedance (ZOUT) vs. Frequency
140
–20
10
100M
FREQUENCY (Hz)
0
20
40
60
80
100
120
100
1k
10k
100k
10M
1M
VSY = ±15V
TA = 25°C
PSRR–
PSRR+
Figure 88. PSRR vs. Frequency
140
120
100
80
60
40
20
0
10
100M
FREQUENCY (Hz)
100
1k
10k
100k
10M
1M
VSY = ±15V
TA = 25°C
Figure 89. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com