Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4084-2ARZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4084-2ARZ-R7
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ARZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4084-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADA4084-1/ADA4084-2/ADA4084-4
Data Sheet
Rev. I | Page 26 of 36
15
10
–15
–10
–5
0
5
0
4
8
12
36
28
32
24
20
16
TIME (µs)
VSY = ±15V
TA = 25°C
RL = 2kΩ
CL = 100pF
Figure 90. Large Signal Transient Response
80
60
40
20
0
–80
–60
–40
–20
0
2
1
4
3
7
8
9
6
5
10
TIME (µs)
VSY = ±15V
TA = 25°C
RL = 2kΩ
CL = 100pF
Figure 91. Small Signal Transient Response
10
–25
–20
–5
–10
–15
0
5
0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–2
0
2
4
8
6
18
16
12
10
14
TIME (µs)
VSY = ±15V
TA = 25°C
INPUT
OUTPUT
Figure 92. Settling Time
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
TA = 25°C
4
Figure 93. Voltage Noise Density vs. Frequency
70
50
60
40
30
20
10
0
1
1000
100
10
LOAD CAPACITANCE (pF)
VSY = ±15V
VIN = 100mV p-p
RL = 2kΩ
TA = 25°C
OS+
OS–
Figure 94. Overshoot vs. Load Capacitance
0
2
4
6
8
10
60
–60
TIME (Seconds)
–40
–20
0
20
40
VSY = ±15V
TA = 25°C
Figure 95. Voltage Noise 0.1 Hz to 10 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com