Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9815 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9815
Description  Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9815 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9815 Datasheet HTML 14Page - NXP Semiconductors TDA9815 Datasheet HTML 15Page - NXP Semiconductors TDA9815 Datasheet HTML 16Page - NXP Semiconductors TDA9815 Datasheet HTML 17Page - NXP Semiconductors TDA9815 Datasheet HTML 18Page - NXP Semiconductors TDA9815 Datasheet HTML 19Page - NXP Semiconductors TDA9815 Datasheet HTML 20Page - NXP Semiconductors TDA9815 Datasheet HTML 21Page - NXP Semiconductors TDA9815 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
1998 Feb 11
18
Philips Semiconductors
Product specification
Multistandard/MAC VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9815
4. Loop bandwidth BL = 75 kHz (natural frequency fn = 11 kHz; damping factor d ≈ 3.5; calculated with sync level within
gain control range). Resonance circuit of VCO: Q0 > 50; Cext = 8.2 pF ±0.25 pF; Cint ≈ 8.5 pF (loop voltage
approximately 2.7 V).
5. Temperature coefficient of external LC-circuit is equal to zero.
6. ViIF = 10 mV RMS; ∆f = 1 MHz (VCO frequency offset related to picture carrier frequency); white picture
video modulation.
7. ViIF signal for nominal video signal.
8. Measurements taken with SAW filter G3962 (sound carrier suppression: 40 dB); loop bandwidth BL = 75 kHz:
a) Modulation VSB; sound carrier off; fvideo > 0.5 MHz.
b) Sound carrier on; SIF SAW filter L9453; fvideo = 10 kHz to 10 MHz.
9. The 7 dB buffer gain accounts for 1 dB loss (not valid for MAC) in the sound trap. Buffer output signal is typical
2 V (p-p), in event of CVBS video amplifier output typical 1 V (p-p). If no sound trap is applied a 330
Ω resistor must
be connected from output to input (from pin 21 to pin 22).
10. The leakage current of the AGC capacitor should not exceed 1
µA at B/G standard respectively 10 nA current at
L standard. Larger currents will increase the tilt.
11. S/N is the ratio of black-to-white amplitude to the black level noise voltage (RMS value, pin 10). B = 5 MHz weighted
in accordance with
“CCIR 567”.
12. The intermodulation figures are defined:
; α
1.1 value at 1.1 MHz referenced to black/white signal;
; α3.3 value at 3.3 MHz referenced to colour carrier.
13. Response speed valid for a VIF input level range of 200
µVupto70mV.
14. To match the AFC output signal to different tuning systems a current source output is provided. The test circuit is
given in Fig.7. The AFC-steepness can be changed by the resistors at pin 23.
15. Depending on the ratio
∆C/C0 of the LC resonant circuit of VCO (Q0 > 50; see note 4; C0 =Cint +Cext).
16. Input level for second IF from an external generator with 50
Ω source impedance. AC-coupled with 10 nF capacitor,
fmod = 1 kHz, 27 kHz (54% FM deviation) of audio references. A VIF/SIF input signal is not permitted. Pins 8 and 28
have to be connected to positive supply voltage for minimum IF gain. S/N and THD measurements are taken at 50
µs
de-emphasis. The not tested FM-PLL has to be locked to an unmodulated carrier.
a) Second IF input level 10 mV RMS.
17. Measured with an FM deviation of 27 kHz the typical AF output signal is 500 mV RMS (Rx =Ry =0 Ω; see Fig.13).
By using Rx =Ry = 470 Ω the AF output signal is attenuated by 6 dB (250 mV RMS) and adapted to the stereo
decoder family TDA9840. For handling an FM deviation of more than 53 kHz the AF output signal has to be reduced
by using Rx and Ry in order to avoid clipping (THD < 1.5%). For an FM deviation up to 100 kHz an attenuation of 6 dB
is recommended with Rx =Ry = 470 Ω.
18. The leakage current of the decoupling capacitor (2.2
µF) should not exceed 1 µA.
19. In the event of activated auto mute state the second FM-PLL oscillator is switched off, if the input signal at pin 16 is
missing or too weak (see Fig.13). In the event of switching the second FM-PLL oscillator on by the auto mute stage
an increased DC jump is the consequence. Note, that noise at pin 16 disables the mute state (at low SIF input signal),
but this will not lead to false identification of the used stereo decoder family TDA9840.
α
1.1
20
V
0 at 4.4 MHz
V
0 at 1.1 MHz
--------------------------------------



3.6dB
+
log
=
α
3.3
20
V
0 at 4.4 MHz
V
0 at 3.3 MHz
--------------------------------------



log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com