Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9815 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9815
Description  Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9815 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9815 Datasheet HTML 17Page - NXP Semiconductors TDA9815 Datasheet HTML 18Page - NXP Semiconductors TDA9815 Datasheet HTML 19Page - NXP Semiconductors TDA9815 Datasheet HTML 20Page - NXP Semiconductors TDA9815 Datasheet HTML 21Page - NXP Semiconductors TDA9815 Datasheet HTML 22Page - NXP Semiconductors TDA9815 Datasheet HTML 23Page - NXP Semiconductors TDA9815 Datasheet HTML 24Page - NXP Semiconductors TDA9815 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
1998 Feb 11
21
Philips Semiconductors
Product specification
Multistandard/MAC VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9815
Fig.5
Typical signal-to-noise ratio as a function of
IF input voltage.
handbook, halfpage
−60
−40
−20
20
80
60
40
20
0
0
0.06
0.6
6
600
60
MED684
S/N
(dB)
Vi (VIF)(rms)(dB)
Vi (VIF)(rms)
(mV)
10
Fig.6 Input signal conditions.
handbook, halfpage
SC CC
PC
SC CC
PC
BLUE
YELLOW
27 dB
13.2 dB
3.2 dB
27 dB
13.2 dB
10 dB
MED685 - 1
SC = sound carrier, with respect to sync level.
CC = chrominance carrier, with respect to sync level.
PC = picture carrier, with respect to sync level.
The sound carrier levels are taking into account
a sound shelf attenuation of 20 dB (SAW filter G1962).
Fig.7 Measurement conditions and typical AFC characteristic.
handbook, full pagewidth
V = 5 V
P
V
P
200
100
0
200
100
(
µA)
38.5
38.9
39.3 f (MHz)
(source current)
(sink current)
V23
I 23
(V)
2.5
TDA9815 23
I 23
22 k
Ω
22 k
Ω
MED686 - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com