Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG18DCT Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # UG18DCT
Description  Ultrafast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

UG18DCT Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  UG18DCT Datasheet HTML 1Page - Inchange Semiconductor Company Limited UG18DCT Datasheet HTML 2Page - Inchange Semiconductor Company Limited UG18DCT Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultrafast Recovery Diode
UG18DCT
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Max. instantaneous forwardvoltage per
diode
IF= 5A,
Tj=100℃
0.95
V
IF= 9A,
Tj=100℃
1.1
IF= 20A,
Tj=100℃
1.2
IR
Max. DC reverse current atrated DC
blocking voltageper diode
VR= VRWM
10
μ
A
VR= VRWM;
Ta=100℃
300
PACKAGE OUTLINE DIMENSIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com