Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG18DCT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # UG18DCT
Description  Ultrafast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

UG18DCT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  UG18DCT Datasheet HTML 1Page - Inchange Semiconductor Company Limited UG18DCT Datasheet HTML 2Page - Inchange Semiconductor Company Limited UG18DCT Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultrafast Recovery Diode
UG18DCT
www.iscsemi.com
1
FEATURES
·
Low forward voltage drop
·
Low switching losses, high efficiency
·
High surge current capability
APPLICATIONS
·
For use in high frequency rectifier of switching mode
powersupplies, inverters, freewheeling diodes,
DC/DC converters,and other power switching application.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
18
A
IFSM
Peak
forward
surge
current
8.3
ms
single
half
sine-wavesuperimposed on rated load per diode
175
A
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case per leg
4.0
℃
/W


Similar Part No. - UG18DCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG18DCT GE-UG18DCT Datasheet
80Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG18DCT VISHAY-UG18DCT Datasheet
157Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
UG18DCT VISHAY-UG18DCT Datasheet
157Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
05-Jun-2019
UG18DCT-E3 VISHAY-UG18DCT-E3 Datasheet
153Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-16
UG18DCT-E3/45 VISHAY-UG18DCT-E3/45 Datasheet
157Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
More results

Similar Description - UG18DCT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com