Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST3257Q Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FST3257Q
Description  QUAD 2:1 MUX/DEMUX BUS SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST3257Q Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FST3257Q Datasheet HTML 1Page - Integrated Device Technology IDT74FST3257Q Datasheet HTML 2Page - Integrated Device Technology IDT74FST3257Q Datasheet HTML 3Page - Integrated Device Technology IDT74FST3257Q Datasheet HTML 4Page - Integrated Device Technology IDT74FST3257Q Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGES
AUGUST 1996
©1996 Integrated Device Technology, Inc.
10.3
DSC-3257/3
QUAD 2:1 MUX/DEMUX
BUS SWITCH
IDT74FST3257
PRELIMINARY
1
PIN DESCRIPTION
capability. Thus they generate little or no noise of their own
while providing a low resistance path for an external driver.
These devices connect input and output ports through an n-
channel FET. When the gate-to-source junction of this FET is
adequately forward-biased the device conducts or the resis-
tance between input and output ports is small.
Without
adequate bias on the gate-to-source junction of the FET, the
FET is turned off, therefore with no VCC applied, the device
has hot insertion capability.
The low on-resistance and simplicity of the connection
between input and output ports reduces the delay in this path
to close to zero.
The FST3257 provides a 4-bit 2:1 multiplexer/demultiplexer.
The S pin controls the mux select and the
E pin serves as the
switch enable.
3257 tbl 01
FEATURES:
• Bus switches provide zero delay paths
• Extended commercial range of –40
°C to +85°C
• Low switch on-resistance:
FST3xxx – 5
Ω
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in QSOP and SOIC
Pin Names
I/O
Description
I0A-I0D
I/O
Port 0
I1A-I1D
I/O
Port 1
E
I
Switch Enable (Active Low)
S
I
Mux Select
ZA-ZB
I/O
Port Z
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
3257 drw 01
3257 drw 02
SOIC/QSOP
TOP VIEW
5
6
7
8
1
2
3
4
14
13
12
11
10
9
I0A
I1A
ZA
S
I0B
I1B
ZB
GND
I0C
I1C
ZC
10D
I1D
ZD
Vcc
SO16-1
SO16-7
15
16
E
I0A
ZA
I1A
ZB-D
3 Channels
I0B-D
I1B-D
S
E
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
DESCRIPTION:
The FST3257 belongs to IDT's family of Bus switches. Bus
switch devices perform the function of connecting or isolating
two ports without providing any inherent current sink or source


Similar Part No. - IDT74FST3257Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
4-BIT BUS SWITCH
IDT74FST3125Q IDT-IDT74FST3125Q Datasheet
73Kb / 5P
4-BIT BUS SWITCH
IDT74FST3125SQ IDT-IDT74FST3125SQ Datasheet
73Kb / 5P
4-BIT BUS SWITCH
More results

Similar Description - IDT74FST3257Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
SOTiny??2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com