Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9816M Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9816M
Description  Multistandard multimedia IF-PLL and FM radio demodulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9816M Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9816M Datasheet HTML 9Page - NXP Semiconductors TDA9816M Datasheet HTML 10Page - NXP Semiconductors TDA9816M Datasheet HTML 11Page - NXP Semiconductors TDA9816M Datasheet HTML 12Page - NXP Semiconductors TDA9816M Datasheet HTML 13Page - NXP Semiconductors TDA9816M Datasheet HTML 14Page - NXP Semiconductors TDA9816M Datasheet HTML 15Page - NXP Semiconductors TDA9816M Datasheet HTML 16Page - NXP Semiconductors TDA9816M Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1997 Nov 19
13
Philips Semiconductors
Preliminary specification
Multistandard multimedia IF-PLL and FM
radio demodulator
TDA9816M
tres(AGC)(f)
AGC response to a falling
VIF step
B/G standard
−
2.2
3.5
ms/dB
fast mode L standard
−
1.1
1.8
ms/dB
normal mode L standard;
note 11
−
150
240
ms/dB
∆IF
VIF amplitude step for
activating fast AGC mode
L standard
−2
−6
−10
dB
Vth(17)
threshold voltage level
additional charging/
discharging current
see Fig.8
L standard
1.95
2.0
2.05
V
L standard; fast mode L
1.6
1.66
1.72
V
TV TUNER AGC (PIN 16)
Vi(rms)
IF input signal voltage for
minimum starting point of
tuner takeover
(RMS value)
input at pins 1 and 2;
RTOP =22kΩ; I16 = 0.4 mA
−
25
mV
IF input signal voltage for
maximum starting point of
tuner takeover
(RMS value)
input at pins 1 and 2;
RTOP =0 Ω; I16 = 0.4 mA
50
100
−
mV
tuner takeover point
accuracy (RMS value)
RTOP =13kΩ; I16 = 0.4 mA 5
−
20
mV
Vo(max)
maximum output voltage
from external source;
note 2
−−
13.2
V
Vsat
saturation voltage
I16 = 1.5 mA
−−
0.2
V
∆V
TOP(T)
variation of takeover point
with temperature
I16 = 0.4 mA
−
0.03
0.07
dB/K
Isink
sink current
see Fig.3
no tuner gain reduction;
V16 = 13.2 V
−−
1
µA
maximum tuner gain
reduction
1.5
2
2.6
mA
∆GIF
IF slip by automatic gain
control
tuner gain current from
20 to 80%
−
68
dB
TV AFC DETECTOR (PIN 19); see Fig.7 and note 12
CRstps
control steepness
∆I19/∆f note 13
0.5
0.75
1.0
µA/kHz
∆f
IF(T)
frequency variation with
temperature
IAFC = 0; note 4
B/G and L standard
−−±20 × 10−6 K−1
L accent standard
−−±60 × 10−6 K−1
Vo(max)
output voltage upper limit
see Fig.7 without external
components
VP − 0.6 VP − 0.3 −
V
Vo(min)
output voltage lower limit
−
0.3
0.6
V
Io(source)
output source current
150
200
250
µA
Io(sink)
output sink current
150
200
250
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com