Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9816M Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9816M
Description  Multistandard multimedia IF-PLL and FM radio demodulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9816M Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9816M Datasheet HTML 17Page - NXP Semiconductors TDA9816M Datasheet HTML 18Page - NXP Semiconductors TDA9816M Datasheet HTML 19Page - NXP Semiconductors TDA9816M Datasheet HTML 20Page - NXP Semiconductors TDA9816M Datasheet HTML 21Page - NXP Semiconductors TDA9816M Datasheet HTML 22Page - NXP Semiconductors TDA9816M Datasheet HTML 23Page - NXP Semiconductors TDA9816M Datasheet HTML 24Page - NXP Semiconductors TDA9816M Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1997 Nov 19
21
Philips Semiconductors
Preliminary specification
Multistandard multimedia IF-PLL and FM
radio demodulator
TDA9816M
10. Measurements taken with SAW filter K3953 (sound carrier suppression: 40 dB); loop bandwidth = 70 kHz.
a) Modulation VSB; sound carrier off; fvideo > 0.5 MHz.
b) Sound carrier on; SIF SAW filter K9453; fvideo = 10 kHz to 10 MHz.
11. Response speed valid for a VIF input level range of 200
µVupto70mV.
12. A current source output is provided to match the AFC output signal to different tuning systems. The test circuit is
given in Fig.7 for TV mode and in Fig.13 for radio mode. The AFC steepness can be changed by the resistors at
pin 19.
a) A voltage output is provided to match the AFC output signal to different tuning systems. The DC load current
should not exceed 180
µA.
13. Depending on the ratio
∆C/C0 of the LC resonant circuit of the VCO (Q0 > 50; see note 3; C0 =Cint +Cext).
14. Source impedance: 2.3 k
Ω in parallel with 12 pF (SAW filter); fIF = 38.9 MHz.
15. Without using an SIF SAW filter the mixer can be switched to intercarrier mode by connecting pin 27 and/or pin 28
to ground. In this mode the SIF passes the VIF SAW filter and IF intercarrier levels are dependant on the sound shelf
of the VIF SAW filter. The intercarrier output signal at pin 14 can be calculated with the following formula using the
video output signal at pin 18 (Vo(video)(p-p) = 1.1 V typical) as a reference:
with
= correction term for RMS value,
= sound-to-picture carrier ratio at VIF input (pins 1 and 2) in dB,
6 dB = correction term of internal circuitry and
±3 dB = tolerance of video output and intercarrier output amplitude
Vo(rms).
Example: SAW filter G1962 (sound shelf: 20 dB)
⇒⇒ V
o(rms) = 32 mV (typ.).
16. Input level for second IF from an external generator with 50
Ω source impedance. AC-coupled with 10 nF capacitor,
fmod = 1 kHz, 27 kHz (54% FM deviation) of audio reference. A VIF/SIF input signal is not permitted. Pins 6 and 5
have to be connected to positive supply voltage for minimum IF gain. S/N and THD measurements are taken at
50
µs de-emphasis at pin 14 (modulator pre-emphasis has to be activated). The FM demodulator steepness
∆V
o(AF)/∆fAF is positive.
a) Second IF input level 10 mV (RMS).
17. Measured with an FM deviation of 27 kHz, the typical AF output signal is 500 mV (RMS) (Rx =0 Ω). By using
Rx = 680 Ω the AF output signal is attenuated by 6 dB (250 mV RMS). For handling a frequency deviation of more
than 53 kHz the AF output signal has to be reduced by using Rx in order to avoid clipping (THD < 1.5%). For an
FM deviation up to 100 kHz an attenuation of 6 dB is recommended with Rx = 680 Ω.
18. The leakage current of the decoupling capacitor (2.2
µF) should not exceed 1 µA.
19. For all S/N measurements the used vision IF modulator has to meet the following specifications:
a) Incidental phase modulation for black-to-white jump less than 0.5 degrees.
b) QSS AF performance, measured with the television-demodulator AMF2 (audio output, weighted S/N ratio) better
than 60 dB (deviation
±27 kHz) for 6 kHz sine wave black-to-white video modulation.
c) Picture-to-sound carrier ratio; PC/SC1 = 13 dB; (transmitter).
V
o rms
()
1.1 V p
p
–
()
1
22
-----------
×
10
V
iSC
()
V
iPC
()
----------------- dB
() 6dB 3 dB
±
+
20
--------------------------------------------------------------------
×
=
1
22
-----------
V
iSC
()
V
iPC
()
----------------- dB
()
V
iSC
()
V
iPC
()
-----------------
27 dB
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com