Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8000
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8000 Datasheet HTML 9Page - Analog Devices AD8000 Datasheet HTML 10Page - Analog Devices AD8000 Datasheet HTML 11Page - Analog Devices AD8000 Datasheet HTML 12Page - Analog Devices AD8000 Datasheet HTML 13Page - Analog Devices AD8000 Datasheet HTML 14Page - Analog Devices AD8000 Datasheet HTML 15Page - Analog Devices AD8000 Datasheet HTML 16Page - Analog Devices AD8000 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
AD8000
Rev. C | Page 13 of 17
TEST CIRCUITS
AD8000
50
TRANSMISSION
LINE
200
RF
432
432
200
10
F
0.1
F
49.9
–VS
0.1
F
10
F
50
TRANSMISSION
LINE
+VS
49.9
60.4
VIN
Figure 47. CMRR
49.9
TERMINATION
50
0.1
F
10
F
–VS
VP = VS + VIN
RF
432
RG
432
49.9
AD8000
49.9
50
TRANSMISSION
LINE
50
TRANSMISSION
LINE
TERMINATION
50
Figure 48. Positive PSRR
49.9
TERMINATION
50
+VS
VN =–VS + VIN
RF
432
RG
432
49.9
AD8000
49.9
10
F
0.1
F
50
TRANSMISSION
LINE
50
TRANSMISSION
LINE
TERMINATION
50
Figure 49. Negative PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com