Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8000
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8000 Datasheet HTML 9Page - Analog Devices AD8000 Datasheet HTML 10Page - Analog Devices AD8000 Datasheet HTML 11Page - Analog Devices AD8000 Datasheet HTML 12Page - Analog Devices AD8000 Datasheet HTML 13Page - Analog Devices AD8000 Datasheet HTML 14Page - Analog Devices AD8000 Datasheet HTML 15Page - Analog Devices AD8000 Datasheet HTML 16Page - Analog Devices AD8000 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD8000
Data Sheet
Rev. C | Page 16 of 17
In some cases, bypassing between the two supplies can help to
improve PSRR and to maintain distortion performance in
crowded or difficult layouts. This is as another option to
improve performance.
Minimizing the trace length and widening the trace from the
capacitors to the amplifier reduce the trace inductance. A series
inductance with the parallel capacitance can form a tank circuit,
which can introduce high frequency ringing at the output. This
additional inductance can also contribute to increased distor-
tion due to high frequency compression at the output. Minimize
the use of vias in the direct path to the amplifier power supply
pins because vias can introduce parasitic inductance, which can
lead to instability. When required, use multiple large diameter
vias because this lowers the equivalent parasitic inductance.
GROUNDING
The use of ground and power planes is encouraged as a method
of proving low impedance returns for power supply and signal
currents. Ground and power planes can also help to reduce
stray trace inductance and to provide a low thermal path for the
amplifier. Do not use ground and power planes under any of the
pins of the AD8000. The mounting pads and the ground or
power planes can form a parasitic capacitance at the amplifiers
input. Stray capacitance on the inverting input and the feedback
resistor form a pole, which degrades the phase margin, leading
to instability. Excessive stray capacitance on the output also
forms a pole, which degrades phase margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com