Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8007AKS-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8007AKS-R2
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007AKS-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8007AKS-R2 Datasheet HTML 1Page - Analog Devices AD8007AKS-R2 Datasheet HTML 2Page - Analog Devices AD8007AKS-R2 Datasheet HTML 3Page - Analog Devices AD8007AKS-R2 Datasheet HTML 4Page - Analog Devices AD8007AKS-R2 Datasheet HTML 5Page - Analog Devices AD8007AKS-R2 Datasheet HTML 6Page - Analog Devices AD8007AKS-R2 Datasheet HTML 7Page - Analog Devices AD8007AKS-R2 Datasheet HTML 8Page - Analog Devices AD8007AKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8007/AD8008
Rev. E | Page 4 of
20
AD8007/AD8008
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
5
12
V
Quiescent Current per Amplifier
9
10.2
mA
Power Supply Rejection Ratio
+PSRR
59
64
dB
−PSRR
59
65
dB
VS = 5 V
TA = 25°C, RS = 200 Ω, RL = 150 Ω, RF = 499 Ω, Gain = +2, unless otherwise noted.
Table 2.
AD8007/AD8008
Unit
Parameter
Conditions
Min
Typ
Max
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.2 V p-p, RL = 1 kΩ
520
580
MHz
G = +1, VO = 0.2 V p-p, RL = 150 Ω
350
490
MHz
G = +2, VO = 0.2 V p-p, RL = 150 Ω
190
260
MHz
G = +1, VO = 1 V p-p, RL = 1 kΩ
270
320
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p, G = +2, RL = 150 Ω
72
120
MHz
Overdrive Recovery Time
2.5 V input step, G = +2, RL = 1 kΩ
30
ns
Slew Rate
G = +1, VO = 2 V step
665
740
V/μs
Settling Time to 0.1%
G = +2, VO = 2 V step
18
ns
Settling Time to 0.01%
G = +2, VO = 2 V step
35
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
fC = 5 MHz, VO = 1 V p-p
−96/−95
dBc
fC = 20 MHz, VO = 1 V p-p
−83/−80
dBc
Third Harmonic
fC = 5 MHz, VO = 1 V p-p
−100
dBc
fC = 20 MHz, VO = 1 V p-p
−85/−88
dBc
IMD
fC = 19.5 MHz to 20.5 MHz, RL = 1 kΩ,
VO = 1 V p-p
−89/−87
dBc
Third-Order Intercept
fC = 5 MHz, RL = 1 kΩ
43.0
dBm
fC = 20 MHz, RL = 1 kΩ
42.5/41.5
dBm
Crosstalk (AD8008)
Output-to-output, f = 5 MHz, G = +2
−68
dB
Input Voltage Noise
f = 100 kHz
2.7
nV/√Hz
Input Current Noise
−Input, f = 100 kHz
22.5
pA/√Hz
+Input, f = 100 kHz
2
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
0.5
4
mV
Input Offset Voltage Drift
3
μV/°C
Input Bias Current
+Input
4
8
μA
−Input
0.7
6
μA
Input Bias Current Drift
+Input
15
nA/°C
−Input
8
nA/°C
Transimpedance
VO = 1.5 V to 3.5 V, RL = 1 kΩ
0.5
1.3
MΩ
RL = 150 Ω
0.4
0.6
MΩ
INPUT CHARACTERISTICS
Input Resistance
+Input
4
MΩ
Input Capacitance
+Input
1
pF
Input Common-Mode Voltage Range
1.1 to 3.9
V
Common-Mode Rejection Ratio
VCM = 1.75 V to 3.25 V
54
56
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com