Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8007AKS-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8007AKS-R2
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007AKS-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8007AKS-R2 Datasheet HTML 3Page - Analog Devices AD8007AKS-R2 Datasheet HTML 4Page - Analog Devices AD8007AKS-R2 Datasheet HTML 5Page - Analog Devices AD8007AKS-R2 Datasheet HTML 6Page - Analog Devices AD8007AKS-R2 Datasheet HTML 7Page - Analog Devices AD8007AKS-R2 Datasheet HTML 8Page - Analog Devices AD8007AKS-R2 Datasheet HTML 9Page - Analog Devices AD8007AKS-R2 Datasheet HTML 10Page - Analog Devices AD8007AKS-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8007/AD8008
Rev. E | Page 7 of
20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, RL = 150 Ω, RS = 200 Ω, RF = 499 Ω, unless otherwise noted.
FREQUENCY (MHz)
3
2
–5
1
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
G = +1
G = +2
G = +10
G = –1
Figure 6. Small Signal Frequency Response for Various Gains
FREQUENCY (MHz)
3
2
–5
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
G = +1
RL = 1kΩ, VS = ±5V
RL = 150kΩ, VS = ±5V
RL = 150kΩ, VS = 5V
Figure 7. Small Signal Frequency Response for VS and RL
FREQUENCY (MHz)
3
2
–5
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
G = +1
RL = 1kΩ
RS = 200Ω
RS = 301Ω
RS = 249Ω
Figure 8. Small Signal Frequency Response for Various RS Values
FREQUENCY (MHz)
6.4
6.3
5.6
100
10
6.0
5.9
5.8
5.7
6.2
6.1
5.5
5.4
1000
G = +2
VS = +5V
VS = ±5V
Figure 9. 0.1 dB Gain Flatness; VS = +5, VS = ±5 V
FREQUENCY (MHz)
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
RL = 1kΩ, VS = +5V
RL = 150kΩ,
VS = +5V
RL = 1kΩ, VS = ±5V
RL = 150kΩ, VS = ±5V
Figure 10. Small Signal Frequency Response for VS and RL
FREQUENCY (MHz)
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
RF = RG = 324Ω
RF = RG = 249Ω
RF = RG = 499Ω
RF = RG = 649Ω
Figure 11. Small Signal Frequency Response for Various Feedback Resistors,
RF = RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com