Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8016 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8016 Datasheet HTML 9Page - Analog Devices AD8016 Datasheet HTML 10Page - Analog Devices AD8016 Datasheet HTML 11Page - Analog Devices AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices AD8016 Datasheet HTML 15Page - Analog Devices AD8016 Datasheet HTML 16Page - Analog Devices AD8016 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8016
Rev. C | Page 13 of 20
TEST CIRCUTS
Figure 40. Single-Ended Test Circuit; G = +5
Figure 41. Differential Test Circuit; G = +10
0.1µF
0.1µF
10µF
10µF
49.9
Ω
124
Ω
499
Ω
RL
VOUT
+VS
–VS
+
+
VIN
499
Ω
49.9
Ω
+VIN
RL
499
Ω
111Ω
49.9
Ω
–VIN
+VO
–VO
+VS
–VS
10µF
+
0.1µF
0.1µF
10µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com