Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8045
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8045 Datasheet HTML 13Page - Analog Devices AD8045 Datasheet HTML 14Page - Analog Devices AD8045 Datasheet HTML 15Page - Analog Devices AD8045 Datasheet HTML 16Page - Analog Devices AD8045 Datasheet HTML 17Page - Analog Devices AD8045 Datasheet HTML 18Page - Analog Devices AD8045 Datasheet HTML 19Page - Analog Devices AD8045 Datasheet HTML 20Page - Analog Devices AD8045 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8045
Rev. C | Page 17 of 24
THEORY OF OPERATION
The AD8045 is a high speed voltage feedback amplifier
fabricated on the Analog Devices second generation extra
fast complementary bipolar (XFCB) process. An H-bridge
input stage is used to attain a 1400 V/µs slew rate and low
distortion in addition to a low 3 nV/√Hz input voltage noise.
Supply current and offset voltage are laser trimmed for optimum
performance.
FREQUENCY RESPONSE
The open-loop response of the AD8045 over the frequency can
be approximated by the integrator response shown in Figure 63.
fCROSSOVER = 400MHz
FREQUENCY (MHz)
0
1
10
100
f
1000
VOUT/VIN =
fCROSSOVER
VIN
VOUT
Figure 63. Open-Loop Response
The closed-loop transfer function for the noninverting
configuration is shown in Figure 64 and is written as
(
)
G
CROSSOVER
G
F
F
G
CROSSOVER
IN
OUT
R
f
R
R
R
R
f
V
V
×
×
+
+
+
×
×
=
π
2
s
)
(
π
2
where:
s is (2 πj)f.
fCROSSOVER is the frequency where the open-loop gain of the
amplifier equals 1 (0 dB).
DC gain is therefore
(
)
G
F
G
IN
OUT
R
R
R
V
V
+
=
Closed-loop −3 dB bandwidth equals
(
)
F
G
G
CROSSOVER
IN
OUT
R
R
R
f
V
V
+
×
=
The closed-loop bandwidth is inversely proportional to the
noise gain of the op amp circuit, (RF + RG)/RG. This simple
model can be used to predict the −3 dB bandwidth for noise
gains above +2. The actual bandwidth of circuits with noise
gains at or below +2 is higher due to the influence of other
poles present in the real op amp.
RG
RF
VIN
VOUT
RS
+
–
Figure 64. Noninverting Configuration
DC ERRORS
Figure 65 shows the dc error contributions. The total output
error voltage is
+
+
+
+
−
=
−
+
G
F
G
OS
F
B
G
F
G
S
B
(ERROR)
OUT
R
R
R
V
R
I
R
R
R
R
I
V
RG
RF
VOS
VOUT
RS
+
–
IB+
IB–
Figure 65. Amplifier DC Errors
The voltage error due to IB+ and IB− is minimized if RS = RF||RG.
To include the effects of common-mode and power supply
rejection, model VOS as
CMR
V
PSR
V
V
V
CM
S
OS
OS
nom
∆
+
∆
+
=
where:
nom
os
V
is the offset voltage at nominal conditions.
ΔVS is the change in the power supply voltage from nominal
conditions.
PSR is the power supply rejection.
CMR is the common-mode rejection.
ΔVCM is the change in common-mode voltage from nominal
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com