Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8045
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045 Datasheet(HTML) 2 Page - Analog Devices

  AD8045 Datasheet HTML 1Page - Analog Devices AD8045 Datasheet HTML 2Page - Analog Devices AD8045 Datasheet HTML 3Page - Analog Devices AD8045 Datasheet HTML 4Page - Analog Devices AD8045 Datasheet HTML 5Page - Analog Devices AD8045 Datasheet HTML 6Page - Analog Devices AD8045 Datasheet HTML 7Page - Analog Devices AD8045 Datasheet HTML 8Page - Analog Devices AD8045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8045
Data Sheet
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications with ±5 V Supply..................................................... 3
Specifications with +5 V Supply..................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Circuit Configurations................................................................... 16
Wideband Operation ................................................................. 16
Theory of Operation ...................................................................... 17
Frequency Response .................................................................. 17
DC Errors .................................................................................... 17
Output Noise............................................................................... 18
Applications Information .............................................................. 19
Low Distortion Pinout............................................................... 19
High Speed ADC Driver ........................................................... 19
90 MHz Active Low-Pass Filter (LPF)..................................... 20
Printed Circuit Board Layout ....................................................... 22
Signal Routing............................................................................. 22
Power Supply Bypassing............................................................ 22
Grounding................................................................................... 22
Exposed Paddle........................................................................... 23
Driving Capacitive Loads.......................................................... 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
12/2018—Rev. B to Rev. C
Changes to Table 2............................................................................ 4
Changes to Ordering Guide .......................................................... 24
5/2016—Rev. A to Rev. B
Changed CP-8-2 to CP-8-13 ........................................ Throughout
Changes to Figure 1 and Figure 2................................................... 1
Changes to Figure 5, Figure 6, and Table 5 ................................... 6
Deleted Table 6; Renumbered Sequentially................................... 6
Updated Outline Dimensions....................................................... 24
Changes to Ordering Guide .......................................................... 24
9/2004—Rev. 0 to Rev. A
Changes to Features Section............................................................ 1
Changes to Specifications Section.................................................. 4
Changes to Figure 58...................................................................... 15
Changes to Figure 63...................................................................... 17
Changes to Frequency Response Section .................................... 17
Changes to Figure 64...................................................................... 17
Changes to DC Errors Section...................................................... 17
Changes to Figure 65...................................................................... 17
Changes to Figure 66...................................................................... 18
Changes to Output Noise Section ................................................ 18
Changes to Ordering Guide .......................................................... 24
7/2004—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com