Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8038AKSZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8038AKSZ-R2
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8038AKSZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8038AKSZ-R2 Datasheet HTML 3Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8038/AD8039
Rev. G | Page 7 of 16
FREQUENCY (MHz)
0
–4
1
2
3
4
CL = 15pF
CL = 10pF
CL = 5pF
–5
–3
–2
–1
5
1000
1100
10
Figure 12. Small Signal Frequency Response for Various CL,
VOUT = 500 mV p-p, VS = ±5 V, G = +1
FREQUENCY (MHz)
1
3
CL = 10pF
CL = 5pF
–5
–3
–1
5
7
CL = 15pF
1000
1100
10
Figure 13. Small Signal Frequency Response for Various CL,
VOUT = 500 mV p-p, VS = 5 V, G = +1
FREQUENCY (MHz)
0.1
–6
1
VOUT = 500mV
2
VOUT = 200mV
VOUT = 2V
VOUT = 1V
–5
–4
–3
–2
–1
0
1000
1
100
10
Figure 14. Frequency Response for Various Output Voltage Levels
FREQUENCY (MHz)
0
0.01
10
0.1
GAIN
20
30
40
50
60
70
80
PHASE
0
–10
–20
180
45
–45
135
90
1
10
100
1000
Figure 15. Open-Loop Gain and Phase, VS = ±5 V
FREQUENCY (MHz)
0
6
9
3
–3
–40°C
+85°C
+25°C
0.1
1
10
100
1000
Figure 16. Frequency Response vs. Temperature,
Gain = +2, VS = ±5 V, VOUT = 2 V p-p
FREQUENCY (MHz)
1
5
4
3
26
7
8
–90
–85
–80
–75
–70
–65
–60
–55
–50
9
10
RL = 500Ω HD2
RL = 500Ω HD3
RL = 2kΩ HD3
RL = 2kΩ HD2
Figure 17. Harmonic Distortion vs. Frequency for Various Loads,
VS = ±5 V, VOUT = 2 V p-p, G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com