Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8038AKSZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8038AKSZ-R2
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8038AKSZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8038AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8038AKSZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8038/AD8039
Rev. G | Page 11 of 16
FREQUENCY (MHz)
1000
0.1
1
10
100
SIDE A
–100
–40
–20
SIDE B
–10
–30
–50
–60
–70
–80
–90
Figure 36. AD8039 Crosstalk, VIN = 1 V p-p, Gain = +1
FREQUENCY (MHz)
1
1000
10
100
VS = +5V
VS = ±5V
–80
–70
–60
–50
–40
–30
–20
–10
Figure 37. CMRR vs. Frequency, VIN = 1 V p-p
1000
0.1
0.01
1
10
100
FREQUENCY (MHz)
0.1
1
10
100
1000
VS = ±5V
VS = +5V
Figure 38. Output Impedance vs. Frequency
1000
0.1
0.01
1
10
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
+PSRR
–PSRR
FREQUENCY (MHz)
Figure 39. PSRR vs. Frequency
RLOAD (Ω)
0
100
200
300
400
500
0
1
2
3
4
5
6
7
8
9
VS = +5V
VS = ±5V
Figure 40. Output Swing vs. Load Resistance
SUPPLY VOLTAGE (V)
1.25
1.00
0
012
2468
10
0.75
0.50
0.25
Figure 41. AD8038 Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com