Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ARTZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8039ARTZ-R2
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ARTZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8039ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8039ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8039ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8039ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8039ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8039ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8039ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8039ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8039ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, 350 MHz
Voltage Feedback Amplifiers
AD8038/AD8039
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low power: 1 mA supply current/amp
High speed
350 MHz, −3 dB bandwidth (G = +1)
425 V/μs slew rate
Low cost
Low noise
8 nV/√Hz @ 100 kHz
600 fA/√Hz @ 100 kHz
Low input bias current: 750 nA maximum
Low distortion
−90 dB SFDR @ 1 MHz
−65 dB SFDR @ 5 MHz
Wide supply range: 3 V to 12 V
Small packaging: 8-lead SOT-23, 5-lead SC70, and 8-lead SOIC
APPLICATIONS
Battery-powered instrumentation
Filters
A/D drivers
Level shifting
Buffering
Photo multipliers
FUNCTIONAL BLOCK DIAGRAM
NC 1
–IN 2
+IN 3
–VS 4
DISABLE
8
+VS
7
VOUT
6
NC
5
NC = NO CONNECT
AD8038
Figure 1. 8-lead SOIC (R)
AD8038
VOUT 1
+IN 3
–VS 2
+VS
5
–IN
4
Figure 2. 5-Lead SC70 (KS)
NC = NO CONNECT
VOUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
VOUT2
7
–IN2
6
+IN2
5
AD8039
Figure 3. 8-Lead SOIC (R) and 8-Lead SOT-23 (RJ)
GENERAL DESCRIPTION
The AD8038 (single) and AD8039 (dual) amplifiers are high speed
(350 MHz) voltage feedback amplifiers with an exceptionally low
quiescent current of 1.0 mA/amplifier typical (1.5 mA maximum).
The AD8038 single amplifier in the 8-lead SOIC package has a
disable feature. Despite being low power and low cost, the amplifier
provides excellent overall performance. Additionally, it offers a
high slew rate of 425 V/μs and a low input offset voltage of 3 mV
maximum.
The Analog Devices, Inc., proprietary XFCB process allows low
noise operation (8 nV/√Hz and 600 fA/√Hz) at extremely low
quiescent currents. Given a wide supply voltage range (3 V to 12 V),
wide bandwidth, and small packaging, the AD8038 and AD8039
amplifiers are designed to work in a variety of applications
where power and space are at a premium.
The AD8038 and AD8039 amplifiers have a wide input common-
mode range of 1 V from either rail and swing to within 1 V of each
rail on the output. These amplifiers are optimized for driving
capacitive loads up to 15 pF. If driving larger capacitive loads, a small
series resistor is needed to avoid excessive peaking or overshoot.
The AD8039 amplifier is available in a 8-lead SOT-23 package,
and the single AD8038 is available in both an 8-lead SOIC and a
5-lead SC70 package. These amplifiers are rated to work over
the industrial temperature range of −40°C to +85°C.
–6
1000
0.1
1
10
100
–3
0
3
6
9
12
15
18
21
24
FREQUENCY (MHz)
G = +5
G = +2
G = +1
G = +10
Figure 4. Small Signal Frequency Response for Various Gains,
VOUT = 500 mV p-p, VS = ±5 V


Similar Part No. - AD8039ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8039ARTZ-R2 AD-AD8039ARTZ-R2 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results

Similar Description - AD8039ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com