Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD826 Datasheet(PDF) 13 Page - Analog Devices

Part # AD826
Description  High-Speed, Low-Power Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD826 Datasheet HTML 7Page - Analog Devices AD826 Datasheet HTML 8Page - Analog Devices AD826 Datasheet HTML 9Page - Analog Devices AD826 Datasheet HTML 10Page - Analog Devices AD826 Datasheet HTML 11Page - Analog Devices AD826 Datasheet HTML 12Page - Analog Devices AD826 Datasheet HTML 13Page - Analog Devices AD826 Datasheet HTML 14Page - Analog Devices AD826 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AD826
–13–
HIGH PERFORMANCE ADC BUFFER
Figure 42 is a schematic of a 12-bit high speed analog-to-digital
converter. The AD826 dual op amp takes a single ended input
and drives the AD872 A/D converter differentially, thus reduc-
ing 2nd harmonic distortion. Figure 43 is a FFT of a 1 MHz
input, sampled at 10 MHz with a THD of –78 dB. The AD826
can be used to amplify low level signals so that the entire range
of the converter is used. The ability of the AD826 to perform on
a
±5 volt supply or even with a single 5 volts combined with its
rapid settling time and ability to deliver high current to compli-
cated loads make it a very good flash A/D converter buffer as
well as a very useful general purpose building block.
VS
1/2
AD826
52.5
0.1 F
1k
1k
1k
1k
AD872
12-BIT
10MSPS
ADC
VINA
VINB
50
COAX
CABLE
VIN
500mV
p-p MAX
COMMON
100 F
25V
1/2
AD826
–VS
0.1 F
100 F
25V
–VS
VS
–5V
5V
Figure 42. A Differential Input Buffer for High
Bandwidth ADCs
Figure 43. FFT, Buffered A/D Converter
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com