Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628WARTZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8628WARTZ-R7
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628WARTZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8628WARTZ-R7 Datasheet HTML 10Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 11Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 12Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 13Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 14Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 15Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 16Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 17Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
AD8628/AD8629/AD8630
FUNCTIONAL DESCRIPTION
analog.com
Rev. M | 14 of 21
The AD8628/AD8629/AD8630 are single-supply, ultrahigh precision
rail-to-rail input and output operational amplifiers. The typical offset
voltage of less than 1 µV allows these amplifiers to be easily
configured for high gains without risk of excessive output voltage
errors. The extremely small temperature drift of 2 nV/°C ensures a
minimum offset voltage error over their entire temperature range of
−40°C to +125°C, making these amplifiers ideal for a variety of sen-
sitive measurement applications in harsh operating environments.
The AD8628/AD8629/AD8630 achieve a high degree of precision
through a patented combination of auto-zeroing and chopping. This
unique topology allows the AD8628/AD8629/AD8630 to maintain
their low offset voltage over a wide temperature range and over
their operating lifetime. The AD8628/AD8629/AD8630 also optimize
the noise and bandwidth over previous generations of auto-zero
amplifiers, offering the lowest voltage noise of any auto-zero ampli-
fier by more than 50%.
Previous designs used either auto-zeroing or chopping to add
precision to the specifications of an amplifier. Auto-zeroing results
in low noise energy at the auto-zeroing frequency, at the expense
of higher low frequency noise due to aliasing of wideband noise
into the auto-zeroed frequency band. Chopping results in lower
low frequency noise at the expense of larger noise energy at
the chopping frequency. The AD8628/AD8629/AD8630 family uses
both auto-zeroing and chopping in a patented ping-pong arrange-
ment to obtain lower low frequency noise together with lower
energy at the chopping and auto-zeroing frequencies, maximizing
the signal-to-noise ratio for the majority of applications without the
need for additional filtering. The relatively high clock frequency of
15 kHz simplifies filter requirements for a wide, useful noise-free
bandwidth.
The AD8628 is among the few auto-zero amplifiers offered in the
5-lead TSOT package. This provides a significant improvement
over the ac parameters of the previous auto-zero amplifiers. The
AD8628/AD8629/AD8630 have low noise over a relatively wide
bandwidth (0.1 Hz to 10 kHz) and can be used where the highest
dc precision is required. In systems with signal bandwidths of from
5 kHz to 10 kHz, the AD8628/AD8629/AD8630 provide true 16-bit
accuracy, making them the best choice for very high resolution
systems.
1/F NOISE
1/f noise, also known as pink noise, is a major contributor to errors
in dc-coupled measurements. This 1/f noise error term can be in
the range of several µV or more, and, when amplified with the
closed-loop gain of the circuit, can show up as a large output
offset. For example, when an amplifier with a 5 µV p-p 1/f noise
is configured for a gain of 1000, its output has 5 mV of error due
to the 1/f noise. However, the AD8628/AD8629/AD8630 eliminate
1/f noise internally, thereby greatly reducing output errors.
The internal elimination of 1/f noise is accomplished as follows.
1/f noise appears as a slowly varying offset to the AD8628/AD8629/
AD8630 inputs. Auto-zeroing corrects any dc or low frequency
offset. Therefore, the 1/f noise component is essentially removed,
leaving the AD8628/AD8629/AD8630 free of 1/f noise.
One advantage that the AD8628/AD8629/AD8630 bring to system
applications over competitive auto-zero amplifiers is their very low
noise. The comparison shown in Figure 49 indicates an input-refer-
red noise density of 19.4 nV/√Hz at 1 kHz for the AD8628, which is
much better than the Competitor A and Competitor B. The noise is
flat from dc to 1.5 kHz, slowly increasing up to 20 kHz. The lower
noise at low frequency is desirable where auto-zero amplifiers are
widely used.
Figure 49. Noise Spectral Density of AD8628 vs. Competition
PEAK-TO-PEAK NOISE
Because of the ping-pong action between auto-zeroing and chop-
ping, the peak-to-peak noise of the AD8628/AD8629/AD8630 is
much lower than the competition. Figure 50 and Figure 51 show
this comparison.
Figure 50. AD8628 Peak-to-Peak Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com