Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628WARTZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8628WARTZ-R7
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628WARTZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8628WARTZ-R7 Datasheet HTML 13Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 14Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 15Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 16Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 17Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 18Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 19Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 20Page - Analog Devices AD8628WARTZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
AD8628/AD8629/AD8630
OUTLINE DIMENSIONS
©2002-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. M | 21 of 21
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
AD8628ARZ
-40°C to +125°C
8-Lead SOIC
R-8
AD8628ARZ-REEL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
AD8628ARZ-REEL7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8628AUJZ-REEL
-40°C to +125°C
5-Lead TSOT
Reel, 10000
UJ-5
A0L
AD8628AUJZ-REEL7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
A0L
AD8628WARTZ-R7
-40°C to +125°C
5-Lead SOT-23
Reel, 3000
RJ-5
A0L
AD8628WARTZ-RL
-40°C to +125°C
5-Lead SOT-23
Reel, 10000
RJ-5
A0L
AD8628WARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8628WAUJZ-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
A0L
AD8628WAUJZ-RL
-40°C to +125°C
5-Lead TSOT
Reel, 10000
UJ-5
A0L
AD8629ARMZ
-40°C to +125°C
8-Lead MSOP
RM-8
A06
AD8629ARMZ-REEL
-40°C to +125°C
8-Lead MSOP
Reel, 3000
RM-8
A06
AD8629ARZ
-40°C to +125°C
8-Lead SOIC
R-8
AD8629ARZ-REEL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
AD8629ARZ-REEL7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8629TRZ-EP
-55°C to +125°C
8-Lead SOIC
R-8
AD8629TRZ-EP-R7
-55°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8629WARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8629WARZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
AD8630ARUZ
-40°C to +125°C
14-Lead TSSOP
RU-14
AD8630ARUZ-REEL
-40°C to +125°C
14-Lead TSSOP
Reel, 2500
RU-14
AD8630ARZ
-40°C to +125°C
14-Lead SOIC
R-14
AD8630ARZ-REEL
-40°C to +125°C
14-Lead SOIC
Reel, 2500
R-14
AD8630ARZ-REEL7
-40°C to +125°C
14-Lead SOIC
Reel, 1000
R-14
AD8630WARZ-R7
-40°C to +125°C
14-Lead SOIC
Reel, 1000
R-14
AD8630WARZ-RL
-40°C to +125°C
14-Lead SOIC
Reel, 2500
R-14
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8628W/AD8629W/AD8630W models are available with controlled manufacturing to support the quality and reliability requirements
of automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use
in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the
specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com