Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628WARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8628WARZ-R7
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628WARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8628WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 16Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 17Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 18Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 19Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 20Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Data Sheet
AD8628/AD8629/AD8630
FUNCTIONAL DESCRIPTION
analog.com
Rev. M | 18 of 21
and PSRR help to maintain the overall circuit accuracy. As long
as the rate of change of the current is not too fast, an auto-zero
amplifier can be used with excellent results.
OUTPUT AMPLIFIER FOR HIGH PRECISION
DACS
The AD8628/AD8629/AD8630 are used as output amplifiers for a
16-bit high precision DAC in a unipolar configuration. In this case,
the selected op amp needs to have a very low offset voltage (the
DAC LSB is 38 µV when operated with a 2.5 V reference) to
eliminate the need for output offset trims. The input bias current
(typically a few tens of picoamperes) must also be very low be-
cause it generates an additional zero code error when multiplied by
the DAC output impedance (approximately 6 kΩ).
Rail-to-rail input and output provide full-scale output with very little
error. The output impedance of the DAC is constant and code
independent, but the high input impedance of the AD8628/AD8629/
AD8630 minimizes gain errors. The wide bandwidth of the amplifi-
ers also serves well in this case. The amplifiers, with settling time
of 1 µs, add another time constant to the system, increasing the
settling time of the output. The settling time of the AD5541 is 1 µs.
The combined settling time is approximately 1.4 µs, as can be
derived from the following equation:
tS TOTAL = tSDAC2+ tSAD86282 (1)
Figure 64. AD8628 Used as an Output Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com