Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628WARZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8628WARZ-R7
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628WARZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  AD8628WARZ-R7 Datasheet HTML 1Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 2Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 3Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 4Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 5Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 6Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 7Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8628WARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Data Sheet
AD8628/AD8629/AD8630
TABLE OF CONTENTS
analog.com
Rev. M | 2 of 21
Features................................................................ 1
Applications........................................................... 1
Pin Configurations................................................. 1
General Description...............................................1
Specifications........................................................ 3
Electrical Characteristics—VS = 5.0 V................3
Electrical Characteristics—VS = 2.7 V................4
Absolute Maximum Ratings...................................5
Thermal Characteristics..................................... 5
ESD Caution.......................................................5
Typical Performance Characteristics..................... 6
Functional Description......................................... 14
1/F Noise..........................................................14
Peak-to-Peak Noise......................................... 14
Noise Behavior with First-Order, Low-Pass
Filter............................................................... 15
Total Integrated Input-Referred Noise for
First-Order Filter............................................. 15
Input Overvoltage Protection............................15
Output Phase Reversal.................................... 16
Overload Recovery Time..................................16
Infrared Sensors...............................................17
Precision Current Shunt Sensor.......................17
Output Amplifier for High Precision DACs........18
Outline Dimensions............................................. 19
Ordering Guide.................................................20
Automotive Products........................................ 21
REVISION HISTORY
10/2022—Rev. L to Rev. M
Change to Functional Description Section.....................................................................................................14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com