Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1978J Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1978J
Description  i4-PAC??Power Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1978J Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1978J Datasheet HTML 1Page - Clare, Inc. CPC1978J Datasheet HTML 2Page - Clare, Inc. CPC1978J Datasheet HTML 3Page - Clare, Inc. CPC1978J Datasheet HTML 4Page - Clare, Inc. CPC1978J Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1978J-R02.3
1
CPC1978J
i4-PAC™ Power Relay
Applications
Features
Description
Ordering Information
CPC1978J
Units
Blocking Voltage
800
V
P
Load Current
2.5
A
rms
On-resistance
2.3
Ω
RθJC
0.35
°C/W
Pin Configuration
Part #
Description
CPC1978J
i4-PAC™ 25 per tube
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
Clare and IXYS have combined to bring OptoMOS
technology, reliability and compact size to a new
family of high power solid state relays. The
CPC1978J, a 1-Form-A solid state relay, is part of
this new family. The CPC1978J employs optically
coupled MOSFET technology to provide 2500V
rms of
input to output isolation. The efficient MOSFET
switches and photovoltaic die use Clare’s patented
OptoMOS architecture while the input is controlled
by a highly efficient GaAlAs infrared LED. The
combination of low on resistance and high load
current handling capability makes the relay suitable
for a variety of high performance switching
applications.
The unique i4-PAC™ package pioneered by IXYS
allows solid state relays to achieve the highest
current and power ratings. This package features an
IXYS unique process where the silicon chips are soft
soldered onto the Direct Copper bond (DCB)
substrate instead of the usual copper leadframe. The
DCB ceramic, the same substrate used in high
power modules, not only provides 2500V
rms isolation,
but also very low thermal resistance.
CPC1978J Pinout
• Compact i4-PAC™ Power Package
• Low Thermal Resistance
• Heat Sink Option
• Handle Load Currents Up to 2.5A
rms (free air)
• High Reliability
• No Moving Parts
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• 2500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense


Similar Part No. - CPC1978J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1978J CLARE-CPC1978J Datasheet
152Kb / 6P
i4-PAC??Power Relay
CPC1978J CLARE-CPC1978J Datasheet
910Kb / 7P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1978J IXYS-CPC1978J Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1978J IXYS-CPC1978J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1978J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1908 CLARE-CPC1908 Datasheet
151Kb / 6P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1977 CLARE-CPC1977 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978 Datasheet
152Kb / 6P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986 Datasheet
139Kb / 6P
i4-PAC??Power Relay
CPC1777 CLARE-CPC1777_10 Datasheet
915Kb / 7P
i4-PAC??DC Power Relay
CPC1908 CLARE-CPC1908_10 Datasheet
886Kb / 7P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967_11 Datasheet
896Kb / 7P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978_11 Datasheet
910Kb / 7P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986_11 Datasheet
888Kb / 7P
i4-PAC??Power Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com