Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1978J Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1978J
Description  i4-PAC??Power Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1978J Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1978J Datasheet HTML 1Page - Clare, Inc. CPC1978J Datasheet HTML 2Page - Clare, Inc. CPC1978J Datasheet HTML 3Page - Clare, Inc. CPC1978J Datasheet HTML 4Page - Clare, Inc. CPC1978J Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1978J
R02.3
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous, free air
I
L
-
-
2.5
A
rms
Peak Load Current
T
≤ 10ms
I
L
--
10
A
rms
On-Resistance 1
I
F
=10mA, I
L
=1.0A
R
ON
-
1.7
2.3
Ω
Off-State Leakage Current
V
L
=800V
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
I
F
=20mA, V
L
=10V
T
ON
-
8
20
ms
Turn-Off
I
F
=20mA, V
L
=10V
T
OFF
-
0.15
5
ms
Input Characteristics @ 25°C
Input Control Current 2
I
L
=1.0A
I
F
10
-
-
mA
Input Dropout Current
-
I
F
0.6
-
-
mA
Input Voltage Drop
I
F
=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R
=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Capacitance Input to Output
-
C
I/O
-1-
pF
Thermal Characteristics
Thermal Resistance, Junction to case
-
RθJC
-
0.35
-
°C/W
1 Measurement taken within 1 second of on time.
2 For applications requiring high temperature operation (greater than 60oC) an LED drive current of 20mA is recommended.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Blocking Voltage
800
V
P
Reverse Input Voltage
5
V
Input Control Current
100
mA
Peak (10ms)
1
A
Input Power Dissipation
150
mW
Isolation Voltage
Input to Output
2500
V
RMS
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Soldering Temperature
+260
°C
(10 Seconds Max.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com