Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9840T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9840T
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9840T Datasheet HTML 17Page - NXP Semiconductors TDA9840T Datasheet HTML 18Page - NXP Semiconductors TDA9840T Datasheet HTML 19Page - NXP Semiconductors TDA9840T Datasheet HTML 20Page - NXP Semiconductors TDA9840T Datasheet HTML 21Page - NXP Semiconductors TDA9840T Datasheet HTML 22Page - NXP Semiconductors TDA9840T Datasheet HTML 23Page - NXP Semiconductors TDA9840T Datasheet HTML 24Page - NXP Semiconductors TDA9840T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1998 Jul 03
21
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
handbook, full pagewidth
MBE460
TDA9840
10
µF
CAGC
1
2
3
4
5
6
7
8
9
10
SDA
3.3
nF
2.5
mH
C LP
Cref
C DCL
10 nF
100 nF
1/2 VP
2.2
µF
2.2
µF
2.2
µF
47 pF
30 k
Ω
V i 2
V i 1
V i 3
AF from 5.5 MHz
AF from 5.742 MHz
from external sound source C
2.2
µF
V i 4
from external sound source D
20
19
18
17
16
15
14
13
12
11
Vo 4
Vo 3
scart
Vo 2
Vo 1
main
50
µs
de-emphasis
5%
CD2
10 nF
50
µs
de-emphasis
5%
CD1
10 nF
10
µF
CVP
VP
10 MHz
XTAL
SCL
100
µF/16 V
Fig.5 Test circuit of the stereo decoder TDA9840.
Fig.6 Test circuit for measurement of ripple rejection.
handbook, full pagewidth
100
µF /
16 V
TDA9840
100
µF
6
7
8
9
10
16
18
Ω
5 V modulated
with 200 mV (p-p)
70 Hz
100
µF
10 k
VB
VP
11
12
13
14
measurements
on outputs
V
o 1
o 2
o 3
o 4
V
V
V
MBE462



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com