Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9840T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9840T
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9840T Datasheet HTML 1Page - NXP Semiconductors TDA9840T Datasheet HTML 2Page - NXP Semiconductors TDA9840T Datasheet HTML 3Page - NXP Semiconductors TDA9840T Datasheet HTML 4Page - NXP Semiconductors TDA9840T Datasheet HTML 5Page - NXP Semiconductors TDA9840T Datasheet HTML 6Page - NXP Semiconductors TDA9840T Datasheet HTML 7Page - NXP Semiconductors TDA9840T Datasheet HTML 8Page - NXP Semiconductors TDA9840T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1998 Jul 03
3
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 18)
4.5
5
8.8
V
IP
supply current (pin 18)
15.5
16.5
20.5
mA
Vi(rms)
nominal input signal voltage (Vi1, Vi2, Vi3)
(RMS value)
54% modulation
−
250
−
mV
Vo(rms)
nominal output signal voltage (RMS value)
THD
≤ 0.3%
54% modulation
−
500
−
mV
Vo(rms)
clipping level of the output signal voltages
(RMS value)
THD
≤ 1.5%
VP = 5 V
1.4
1.6
−
V
VP = 8 V
2.4
2.65
−
V
∆Gv
stereo control range for Vi 1 (0.1 dB steps)
+2.4
+2.5
+2.6
dB
−2.3
−2.4
−2.5
dB
level control range for Vi 2 (0.5 dB steps)
+2.4
+2.5
+2.6
dB
−1.9
−2.0
−2.1
dB
Vi pil
input voltage sensitivity of pilot frequency
unmodulated
5
−
100
mV
S/N(W)
weighted signal-to-noise ratio
“CCIR468-3”
66
75
−
dB
THD
total harmonic distortion
−
0.2
0.3
%
Tamb
operating ambient temperature range
0
−
+70
°C
fident
identification window width
normal mode
STEREO
2.0
−
2.0
Hz
DUAL
2.3
−
2.3
Hz
fast mode
STEREO
3.8
−
3.8
Hz
DUAL
5.8
−
5.8
Hz
tident(on)
total identification time ON
normal mode
STEREO
0.35
−
2.3
s
DUAL
0.35
−
2.0
s
fast mode
STEREO
0.175
−
1.1
s
DUAL
0.175
−
1.0
s
Vi tuner
identification voltage sensitivity
−
28
−
dB
µV
∆f
pil
pull-in frequency range of pilot PLL
fω = 10.008 MHz
lower side
−296
−−296
Hz
upper side
302
−
302
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com