Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9847 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9847
Description  TV and VTR stereo/dual sound processor with digital identification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9847 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9847 Datasheet HTML 4Page - NXP Semiconductors TDA9847 Datasheet HTML 5Page - NXP Semiconductors TDA9847 Datasheet HTML 6Page - NXP Semiconductors TDA9847 Datasheet HTML 7Page - NXP Semiconductors TDA9847 Datasheet HTML 8Page - NXP Semiconductors TDA9847 Datasheet HTML 9Page - NXP Semiconductors TDA9847 Datasheet HTML 10Page - NXP Semiconductors TDA9847 Datasheet HTML 11Page - NXP Semiconductors TDA9847 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1995 May 23
8
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor
with digital identification
TDA9847
When the microcontroller has only open drain ports
available for the C1, C2 and C3 control line, external
pull-up resistors must be connected to these control lines.
Figure 7 shows an example of a timing diagram to program
the main and SCART register of the TDA9847 with a
microcontroller via the control lines C1, C2, C3 and C4.
Both registers are programmed with the same control line
levels: C1 = LOW, C2 = HIGH and C3 = LOW. The dual
identification frequency is detected and the dual LED is
switched-on. The A-signal (dual mode) is fed to all
AF outputs (see Tables 1 and 2). This is shown in the
beginning of this timing diagram.
The second period of time shows the programming of the
external mode (C3 goes to HIGH: CC-signal) for the main
channel. The switch positions are immediately changed to
the external AF source, because the C4 level is LOW. The
dual LED is switched-off by the logic (see Section
“External mode”).
The next periods of time show the way to change the
switch positions for the SCART channel to route B-signals
to the AF outputs (dual mode: BB). At first the control
output Port of the microcontroller for the C4 line goes into
the high ohmic state. The changing of the C1, C2 or C3
level has no influence on the register data. In the timing
diagram the C1 level changes from LOW-to-HIGH and the
C3 level goes from HIGH-to-LOW. In the next steps the C4
line goes from 3-state-to-HIGH, and the level of the other
control lines are valid for the SCART channel, and the
B-signals are fed (dual mode: BB) to the AF outputs of the
main channel.
After some time in this example the C1 and C2 levels
change from HIGH-to-LOW and the C3 level goes from
LOW-to-HIGH (sound mute). The SCART channel is
immediately muted, because the level of the C4 line is
HIGH.
The last period of time shows the programming of the dual
mode (AA) for the main channel. At first the control output
Port of the microcontroller for the C4 line goes into the high
ohmic state. The changing of the C1, C2 or C3 level has
no influence on the register data. The switch positions of
the SCART channel stay in the sound mute.
In the 3-state mode the C2 level changes from
LOW-to-HIGH, and the C3 level goes from HIGH-to-LOW.
When the C4 level is LOW, the level of the other control
lines are valid for the main channel. The A-signal (dual
mode) is fed to the main outputs.
The operation mode mute (see Table 1) can be achieved
from any position of the C4 control line without going via
3-state.
Figure 5 shows the hold and set-up time of the C1,
C2 and C3 control line in the 3-state mode,
see Chapter “Characteristics”.
MICROCONTROLLER WITH LOW/HIGH OUTPUT PORTS
Figure 11 shows an example of an application circuit for
TDA9847 (VP = 4.5 to 8.8 V) in conjunction with a
microcontroller, which has open drain output ports to
control the main and SCART channel. Four resistors and
two output ports of the microcontroller are necessary to
generate the 3-state voltage. The other control lines have
a pull-up resistor (10 k
Ω) in the event of open drain output
stages. These resistors are not necessary for LOW/HIGH
output ports of the microcontroller having internal pull-up
or push-pull stages. The values and tolerances of these
components are given in this figure. Table 4 shows the
conversion logic truth table.
For information about programming the different operation
mode selections see Section “Operating mode selection”.
Power supply
The different supply voltages and currents required for the
analog and digital circuits are derived from an internal
band-gap reference circuit. The AF reference voltage is
1
⁄2VP. For a fast setting to 1⁄2VP an internal start-up circuit
is added. A good ripple rejection is achieved with the
external capacitor Cref = 100 µF/16 V in conjunction with
the high ohmic input of the 1
⁄2VP pin (pin 8). No additional
DC load on this pin is allowed.
Power-On Reset (POR)
When a POR is activated by switching on the supply
voltage or because of a supply voltage breakdown, the
117/274 Hz DPLL, the 117/274 Hz integrator and the logic
will be reset. Both AF channels (main and SCART) are
muted (
≤1 ms).
ESD protection
All pins are ESD protected. The protection circuits
represent the latest state of the art.
Internal circuit
The internal pin configuration is given in Fig.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com