Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9847 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9847
Description  TV and VTR stereo/dual sound processor with digital identification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9847 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9847 Datasheet HTML 9Page - NXP Semiconductors TDA9847 Datasheet HTML 10Page - NXP Semiconductors TDA9847 Datasheet HTML 11Page - NXP Semiconductors TDA9847 Datasheet HTML 12Page - NXP Semiconductors TDA9847 Datasheet HTML 13Page - NXP Semiconductors TDA9847 Datasheet HTML 14Page - NXP Semiconductors TDA9847 Datasheet HTML 15Page - NXP Semiconductors TDA9847 Datasheet HTML 16Page - NXP Semiconductors TDA9847 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1995 May 23
13
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor
with digital identification
TDA9847
Notes to the characteristics
1. Vo = 0.5 V (RMS value); f = 1 kHz.
2. Without de-emphasis capacitors with respect to nominal gain.
3. In dual mode: A (B)-signal into B (A) channel; in stereo mode: R-signal into left channel; L-signal = 0.
4. Tuner input signal, measured with PCALH reference front end (1
⁄2EMF, 75 Ω, 2T/20T/white bar, 100% video) and
PC/SC1 = 13 dB; PC/SC2 = 20 dB. The pilot band-pass has to be aligned.
5. Bandwidth of the pilot BP-filter B−3dB = 1.2 kHz. Vi2 input driven with identification-modulated pilot carrier and white
noise.
6. Identification window is defined as twice the pull-in frequency range (lower plus upper side) of identification PLL
(steady detection) plus window increase due to integrator (fluctuating detection).
7. The maximal total system identification time on is equal to tident(on) plus tacqui AGC.
8. The maximal total system identification time off is equal to tident(off).
tident(on)
total identification time on
stereo; note 7
0.35
−
2.0
s
dual; note 7
0.35
−
2.0
s
tident(off)
total identification time off
stereo; note 8
0.60
−
1.5
s
dual; note 8
0.60
−
1.5
s
LED (pins 18 and 19)
VL(off)
output voltage
LED off
−−
8.8
V
VL(on)
output voltage
LED on
−−
0.7
V
IL(off)
input current
LED off
−−
1
µA
IL(on)
input current
LED on
−−
12
mA
Control input ports C1 to C3 (pins 1, 2 and 24)
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
5.0
8.8
V
IIL
LOW level input current
−−
-1
µA
IIH
HIGH level input current
−−
1
µA
Control input Port C4 (pin 3)
VIL
LOW level input voltage
0
−
0.8
V
VCT
3-state level input voltage
1.5
1.8
2.1
V
VIH
HIGH level input voltage
2.8
5.0
8.8
V
IIL
LOW level input current
−−
−1
µA
ICT
3-state level input current
−−
−1
µA
IIH
HIGH level input current
−−
1
µA
th1
HIGH level hold time
see Fig.5
5
−−
µs
th2
LOW level hold time
see Fig.5
5
−−
µs
tsu1
HIGH level set-up time
see Fig.5
0.25
−−
µs
tsu2
LOW level set-up time
see Fig.5
0.25
−−
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com