Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9850 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9850
Description  I2C-bus controlled BTSC stereo/SAP decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9850 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9850 Datasheet HTML 9Page - NXP Semiconductors TDA9850 Datasheet HTML 10Page - NXP Semiconductors TDA9850 Datasheet HTML 11Page - NXP Semiconductors TDA9850 Datasheet HTML 12Page - NXP Semiconductors TDA9850 Datasheet HTML 13Page - NXP Semiconductors TDA9850 Datasheet HTML 14Page - NXP Semiconductors TDA9850 Datasheet HTML 15Page - NXP Semiconductors TDA9850 Datasheet HTML 16Page - NXP Semiconductors TDA9850 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1995 Jun 19
13
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP decoder
TDA9850
SAP output
Zo
output impedance
−
80
120
Ω
VO
DC output voltage
−
0.5VCC−1.5 −
V
RL
output load resistance
(AC-coupled)
5
−−
k
Ω
CL
output load capacitance
−−
2.5
nF
Vo(rms)
nominal output voltage
(RMS value)
150
µs de-emphasis
see Fig.3
Outputs OUTL and OUTR
Vo(rms)
nominal output voltage
(RMS value)
100% modulation
−
500
−
mV
HEADo
output headroom
9
−−
dB
Zo
output impedance
−
80
120
Ω
VO
DC output voltage
0.45VCC−1.5 0.5VCC−1.5 0.55VCC−1.5 V
RL
output load resistance
(AC-coupled)
5
−−
k
Ω
CL
output load capacitance
−−
2.5
nF
α
ct
crosstalk L, R into SAP
100% modulation;
fi = 1 kHz; L or R;
mode selector switched
to SAP/SAP
50
75
−
dB
crosstalk SAP into L, R
100% modulation;
fi = 1 kHz; SAP;
mode selector switched
to stereo
50
70
−
dB
∆V
ST-SAP
output voltage difference
if switched from L, R to
SAP
250 Hz to 6.3 kHz
−−
3dB
Dbx noise reduction circuit
tadj
stereo adjustment time
see Section “Adjustment
procedure”
−−
1s
Is
nominal timing current for
nominal release rate of
spectral RMS detector
Is can be measured at pin
CTS via current meter
connected to
1
⁄2VCC + 0.25 V
−
24
−µA
∆Is
spread of timing current
−15
−
+15
%
Is range
timing current range
7 steps via I2C-bus
−±30
−
%
It
timing current for release
rate of wideband RMS
detector
−
1
⁄3Is
−µA
Relrate
nominal RMS detector
release rate
nominal timing current
and external capacitor
values
wideband
−
125
−
dB/s
spectral
−
381
−
dB/s
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com