Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9850 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9850
Description  I2C-bus controlled BTSC stereo/SAP decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9850 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9850 Datasheet HTML 22Page - NXP Semiconductors TDA9850 Datasheet HTML 23Page - NXP Semiconductors TDA9850 Datasheet HTML 24Page - NXP Semiconductors TDA9850 Datasheet HTML 25Page - NXP Semiconductors TDA9850 Datasheet HTML 26Page - NXP Semiconductors TDA9850 Datasheet HTML 27Page - NXP Semiconductors TDA9850 Datasheet HTML 28Page - NXP Semiconductors TDA9850 Datasheet HTML 29Page - NXP Semiconductors TDA9850 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
1995 Jun 19
26
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP decoder
TDA9850
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.10
0.25
0.01
1.4
0.055
0.3
0.1
2.45
2.25
0.49
0.36
0.27
0.18
20.7
20.3
7.6
7.4
1.27
10.65
10.00
1.2
1.0
0.95
0.55
8
0
o
o
0.25
0.1
0.004
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT287-1
(1)
0.012
0.004
0.096
0.086
0.02
0.01
0.050
0.047
0.039
0.419
0.394
0.30
0.29
0.81
0.80
0.011
0.007
0.037
0.022
0.01
0.01
0.043
0.016
w M
bp
D
HE
Z
e
c
v M A
X
A
y
32
17
16
1
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
E
pin 1 index
0
5
10 mm
scale
SO32: plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1
95-01-25
97-05-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com