Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF400AMH Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF400AMH
Description  Fast-Settling JFET-Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF400AMH Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LF400AMH Datasheet HTML 1Page - National Semiconductor (TI) LF400AMH Datasheet HTML 2Page - National Semiconductor (TI) LF400AMH Datasheet HTML 3Page - National Semiconductor (TI) LF400AMH Datasheet HTML 4Page - National Semiconductor (TI) LF400AMH Datasheet HTML 5Page - National Semiconductor (TI) LF400AMH Datasheet HTML 6Page - National Semiconductor (TI) LF400AMH Datasheet HTML 7Page - National Semiconductor (TI) LF400AMH Datasheet HTML 8Page - National Semiconductor (TI) LF400AMH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DC Electrical Characteristics (LF400ACH LF400CH)
The following specifications apply for V
a ea15V and Vb eb15V unless otherwise specified
Tested Limits in Boldface apply for TJ e 25 Cto95 C Design Limits in Boldface apply for TA e TMIN to
TMAX other Design Limits are for TA e 25 C all other limits for TJ e 25 C
LF400ACH
LF400CH
Symbol
Parameter
Conditions
Typical
Tested Design
Typical
Tested Design Units
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7) (Note 8)
(Note 7) (Note 8)
VOS
Maximum Input Offset Voltage
VCM e 0V
TJ e 25 C
g05
g30
mV
RS e 0
TJ e 70 C
g20
g50
mV
RL e %
IOS
Maximum Input Offset Current
VCM e 0V (Note 5)
g50
g100
g50
g100
pA
g25
g25
nA
IB
Maximum Input Bias Current
VCM e 0V (Note 5)
100
200
100
200
pA
26
26
nA
RIN
Input Resistance
1011
1011
X
VCM
Input Common-Mode Voltage
b12 to
g11
b12 to
g11
V
Range
a14
a14
AVOL
Minimum Large Using Pin 6
VO e g10V RL e 2kX
300
100
300
100
VmV
Signal Voltage
Using Pin 8
VO e g10V RL e 600X
280
100
280
100
VmV
Gain
VO
Minimum Output Using Pin 6
RL e 2kX
g125
g120
g125
g120
V
Voltage Swing
Using Pin 8
RL e 600X
g120
g110
g120
g110
V
ISC
Output
Pulse Test
25
25
mA
Short Circuit
MIN Using Pin 6
15
15
mA
Current
MAX Using Pin 6
45
45
mA
MIN Using Pin 8
100
100
mA
RO
Output
Using Pin 6
Open Loop DC
75
75
X
Resistance
Using Pin 8
Open Loop DC
50
50
X
CMRR
Minimum DC Common Mode
b11V s VIN s a11V
100
90
100
80
dB
Rejection Ratio
PSRR
Minimum DC Power Supply
a10V s Va s a15V
Rejection Ratio
b15V s Vb s b10V
100
90
100
80
dB
VCM e 0V
IS
Maximum Supply Current
VO e 0V RL e %
110
130
110
130
mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com