Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF400AMH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF400AMH
Description  Fast-Settling JFET-Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF400AMH Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF400AMH Datasheet HTML 1Page - National Semiconductor (TI) LF400AMH Datasheet HTML 2Page - National Semiconductor (TI) LF400AMH Datasheet HTML 3Page - National Semiconductor (TI) LF400AMH Datasheet HTML 4Page - National Semiconductor (TI) LF400AMH Datasheet HTML 5Page - National Semiconductor (TI) LF400AMH Datasheet HTML 6Page - National Semiconductor (TI) LF400AMH Datasheet HTML 7Page - National Semiconductor (TI) LF400AMH Datasheet HTML 8Page - National Semiconductor (TI) LF400AMH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH9414
June 1989
LF400ALF400
Fast-Settling JFET-Input Operational Amplifier
General Description
The LF400 is a fast-settling (under 400 ns to 001% for a
10V output step) Bi-FET operational amplifier Features in-
clude 16 MHz bandwidth 60V
ms inverting slew rate low
input offset voltage (05 mV for the LF400A at 25 C) and
adjustable output current limit enabling the amplifier to drive
600
X loads
Applications
Y
DAC output amplifiers
Y
High speed ramp generators
Y
Fast buffers
Y
Sample-and-holds
Y
Fast integrators
Y
Piezoelectric transducer signal conditioners
Typical Connection
TLH9414 – 1
Connection Diagram
Note
Pin 4 connected to case
TLH9414 – 2
Top View
Order Number LF400ACH LF400CH
LF400AMH or LF400MH
See NS Package Number H08B
Simplified Schematic
TLH9414 – 3
BI-FETTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LF400AMH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LF400 MACOM-LF400 Datasheet
102Kb / 2P
NEMA Cabinet Legs
More results

Similar Description - LF400AMH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
Fast Settling Video Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
400MHz, Fast Settling Operational Amplifier
September 1998
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
Fast Settling, JFET Input Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
400MHz, Fast Settling Operational Amplifier
July 2003
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
Fast Settling, JFET Input Operational Amplifier
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
400MHz, Fast Settling Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com