Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0071 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0071
Description  RF Driver Amplifier 300 - 4000 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0071 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0071 Datasheet HTML 1Page - Tyco Electronics MAAMSS0071 Datasheet HTML 2Page - Tyco Electronics MAAMSS0071 Datasheet HTML 3Page - Tyco Electronics MAAMSS0071 Datasheet HTML 4Page - Tyco Electronics MAAMSS0071 Datasheet HTML 5Page - Tyco Electronics MAAMSS0071 Datasheet HTML 6Page - Tyco Electronics MAAMSS0071 Datasheet HTML 7Page - Tyco Electronics MAAMSS0071 Datasheet HTML 8Page - Tyco Electronics MAAMSS0071 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RF Driver Amplifier
300 - 4000 MHz
MAAMSS0071
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Output Intercept Point of +37 dBm over a 20 dB
Input Power Range
• Broadband Operation
• Lead-Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAMSS0071 RF driver amplifier is a
GaAs MMIC which exhibits exceptional linearity
performance over a dynamic range greater than 20
dB, as well as high gain in a lead-free miniature
SOT-89 surface mount plastic package. The device
runs off a single +5 volt supply and draws 100 mA
typically.
The MAAMSS0071 is fabricated using an HBT
process to realize low current and high linearity. The
process features full passivation for increased
performance and reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF Input
3
RF Output/
Bias
2
Ground
Ordering Information
1
1. Reference Application Note M513 for reel size information.
Part Number
Package
MAAMSS0071TR-3000
3000 piece reel
MAAM-000071-001SMB
2140 MHz Configuration
MAAM-000071-002SMB
900 MHz Configuration
MAAM-000071-003SMB
1900 MHz Configuration
MAAM-000071-004SMB
2500 MHz Configuration
MAAM-000071-005SMB
3500 MHz Configuration
MAAM-000071-000SMB
Sample Only,
General Frequency
Functional Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
RF Output Power
27 dBm
Voltage
6 volts
Storage Temperature
-65 °C to +150 °C
Junction Temperature
200°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
RF In
RF Out
Pin 1
RF In
RF Out / Bias
Pin 1
RF In
RF Out
Pin 1
RF In
RF Out / Bias
Pin 1
Maximum Operating Conditions
2,3
Parameter
Maximum Operating
Conditions
Junction Temperature
160°C
RF Output Power
26 dBm
Operating Temperature
-40 °C to +85 °C
2. Operating at or within these conditions will ensure MTTF > 1 x
106 hours.
3. Typical thermal resistance (Өjc) = 80°C/W.


Similar Part No. - MAAMSS0071

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0070 MACOM-MAAMSS0070 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
M/A-COM Technology Solu...
MAAMSS0070 MA-COM-MAAMSS0070 Datasheet
356Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAMSS0070TR-1000 MACOM-MAAMSS0070TR-1000 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
M/A-COM Technology Solu...
MAAMSS0070TR-1000 MA-COM-MAAMSS0070TR-1000 Datasheet
356Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAMSS0070TR-3000 MACOM-MAAMSS0070TR-3000 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
More results

Similar Description - MAAMSS0071

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
30 MHz RF Driver Amplifier
logo
Tyco Electronics
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0048 MACOM-MAAMSS0048 Datasheet
462Kb / 14P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0049 MACOM-MAAMSS0049 Datasheet
479Kb / 11P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0072 MACOM-MAAMSS0072 Datasheet
241Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
logo
Teledyne Technologies I...
A2CP4121 TELEDYNE-A2CP4121 Datasheet
145Kb / 2P
300 TO 4000 MHz COUGARPAK짰 AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com