Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0071 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0071
Description  RF Driver Amplifier 300 - 4000 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0071 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0071 Datasheet HTML 1Page - Tyco Electronics MAAMSS0071 Datasheet HTML 2Page - Tyco Electronics MAAMSS0071 Datasheet HTML 3Page - Tyco Electronics MAAMSS0071 Datasheet HTML 4Page - Tyco Electronics MAAMSS0071 Datasheet HTML 5Page - Tyco Electronics MAAMSS0071 Datasheet HTML 6Page - Tyco Electronics MAAMSS0071 Datasheet HTML 7Page - Tyco Electronics MAAMSS0071 Datasheet HTML 8Page - Tyco Electronics MAAMSS0071 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RF Driver Amplifier
300 - 4000 MHz
MAAMSS0071
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VCC = 5 V, Z0 = 50 Ohms
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
2140 MHz
dB
14.5
16
—
Input Return Loss
2140 MHz
dB
—
13
—
Output Return Loss
2140 MHz
dB
—
18
—
Output P1dB
2140 MHz
dBm
—
26
—
Output IP3
(+15 dBm / tone, 1 MHz spacing)
2140 MHz
dBm
35
37
—
Noise Figure
2140 MHz
dB
—
3.2
—
Quiescent Current
2140 MHz
mA
—
100
—
Current
(+15 dBm / tone, 1 MHz spacing)
2140 MHz
mA
75
115
150
2140 MHz PCB Layout
Parts List
Part
Value
Case Style
Manufacturer
C1,C2,C3,C4
0.1 µF
0402
Murata
C5
39 pF
0402
Murata
C6
1 pF
0402
Murata
C7
0.5 pF
0402
Murata
C8
3 pF
0402
Murata
C9
15pF
0402
Murata
L1
7.5 nH
0402
Coilcraft
R1,R3
0 Ω
0402
Panasonic
R2
2.4 Ω
0402
Panasonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com