Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303B-AO2EMF Datasheet(PDF) 27 Page - Microchip Technology

Part # TC1303B-AO2EMF
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-AO2EMF Datasheet(HTML) 27 Page - Microchip Technology

Back Button TC1303B-AO2EMF Datasheet HTML 22Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 23Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 24Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 25Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 26Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 27Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 28Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 29Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 27
TC1303B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1303B: PWM/LDO combo with Power-Good.
Options
Code
VOUT1
Code
VOUT2
Code
+50 mV
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
1
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
2.2V
2.1V
2.0V
1.9V
1.8V
1.7V
1.6V
1.5V
1.4V
1.3V
1.2V
1.1V
1.0V
0.9V
Adjustable
1.375V
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
1
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
2.2V
2.1V
2.0V
1.9V
1.8V
1.7V
1.6V
1.5V
0
1
2
3
Default
+50 mV to V1
+50 mV to V2
+50 mV to V1
and V2
* Contact Factory for Alternate Output Voltage and Reset
Voltage Configurations.
Temperature
Range:
E
=
-40°C to +85°C
Package:
MF
= Dual Flat, No Lead (3x3 mm body), 10-lead
UN
= Plastic Micro Small Outline (MSOP), 10-lead
(The MSOP package for this device has not been
qualified at the time of this publication. Contact your
Microchip sales office for availability.)
Tube or
Tape and Reel:
Blank
= Tube
TR
= Tape and Reel
Examples:
a)
TC1303B-IA0EMF:
2.5V, 3.3V, Default,
10LD DFN pkg.
b)
TC1303B-ZA0EUN:
Adj, 3.3V, Default,
10LD MSOP pkg.
c)
TC1303B-PG0EMFTR:
1.8V, 2.7V, Default,
10LD DFN pkg.
Tape and Reel
PART NO.
X-
X
VOUT1
Type
B
TC1303
X
VOUT2
X
+50 mV
Increments
X
Temp
Range
XX
Package
XX
Tube
or
Tape &
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com