Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303B-AO2EMF Datasheet(PDF) 17 Page - Microchip Technology

Part # TC1303B-AO2EMF
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-AO2EMF Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC1303B-AO2EMF Datasheet HTML 13Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 14Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 15Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 16Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 17Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 18Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 19Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 20Page - Microchip Technology TC1303B-AO2EMF Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 17
TC1303B
4.4
Power-Good
A power-good (PG) output signal is generated based
off of the LDO output voltage (VOUT2). A fixed delay
time of approximately 300 ms is generated once the
LDO output voltage is above the power-good threshold
(typically 94% of VOUT2). As VOUT2 falls out of regula-
tion, the falling PG threshold is typically 92% of VOUT2.
The PG output signal is pulled up to VOUT2 indicating
that power is good and pulled low indicating that VOUT2
is out of regulation. The typical quiescent current draw
for power-good circuitry is less than 10 µA.
If the LDO output voltage falls below the power-good
threshold, the power-good output will transition to the
low state. The power-good circuitry has a 165 µs delay
when detecting a falling output voltage. This helps to
increase the noise immunity of the power-good output
and avoiding false triggering of the PG signal during
line and load transients.
FIGURE 4-1:
Power-Good Timing.
4.5
Soft Start
Both outputs of the TC1303B are controlled during
startup. Less than 1% of VOUT1 or VOUT2 overshoot is
observed during startup from VIN rising above the
UVLO voltage or SHDN1 or SHDN2 being enabled.
4.6
Overtemperature Protection
The TC1303B has an integrated overtemperature
protection circuit that monitors the device junction
temperature and shuts the device off if the junction tem-
perature exceeds the typical 165°C threshold. If the
overtemperature threshold is reached, the soft start is
reset so that once the junction temperature cools to
approximately 155°C, the device will automatically
restart.
tRPU
tRPD
VTH_H
VOUT2
PG
VOL
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com