Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMH6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41ST85WMH6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41ST85WMH6 Datasheet HTML 15Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 16Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 17Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 18Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 19Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 20Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 21Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 22Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19/34
M41ST85W
Square Wave Output
The M41ST85W offers the user a programmable
square wave function which is output on the SQW
pin. RS3-RS0 bits located in 13h establish the
square wave output frequency. These frequencies
are listed in Table 4. Once the selection of the
SQW frequency has been completed, the SQW
pin can be turned on and off under software con-
trol with the Square Wave Enable Bit (SQWE) lo-
cated in Register 0Ah.
Table 4. Square Wave Output Frequency
Square Wave Bits
Square Wave
RS3
RS2
RS1
RS0
Frequency
Units
00
00
None
–
0
0
0
1
32.768
kHz
00
10
8.192
kHz
00
11
4.096
kHz
01
00
2.048
kHz
01
01
1.024
kHz
01
10
512
Hz
01
11
256
Hz
10
00
128
Hz
10
01
64
Hz
10
10
32
Hz
10
11
16
Hz
11
008
Hz
11
014
Hz
11
102
Hz
11
111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com