Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMH6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41ST85WMH6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41ST85WMH6 Datasheet HTML 18Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 19Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 20Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 21Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 22Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 23Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 24Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 25Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
M41ST85W
22/34
trec Bit
Bit D7 of Clock Register 04h contains the trec Bit
(TR). trec refers to the automatic continuation of
the deselect time after VCC reaches VPFD. This al-
lows for a voltage settling time before WRITEs
may again be performed to the device after a pow-
er-down condition. The trec Bit will allow the user to
set the length of this deselect time as defined by
Table 6..
Initial Power-on Defaults
Upon initial application of power to the device, the
following register bits are set to a '0' state: Watch-
dog Register, FT, AFE, ABE, SQWE, and TR. The
following bits are set to a '1' state: ST, OUT, and
HT (see Table 7.).
Table 6. trec Definitions
Note: 1. Default Setting
Table 7. Default Values
Note: 1. WDS, BMB0-BMB4, RB0, RB1.
2. State of other control bits undefined.
3. UC = Unchanged
trec Bit (TR)
STOP Bit (ST)
trec Time
Units
Min
Max
0
0
96
98
ms
01
40
200(1)
ms
1
X
50
2000
µs
Condition
TR
ST
HT
Out
FT
AFE
ABE
SQWE
WATCHDOG
Register(1)
Initial Power-up(2)
01
1100
0
0
0
Subsequent Power-up (with
battery back-up)(3)
UC
UC
1
UC
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com